전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DAC8564

  • AI
    The **DAC8564** is a high-precision, low-power, voltage-output, four-channel (quad), 16-bit digital-to-analog converter (DAC). It is commonly used in industrial process control, data acquisition systems, and precision instrumentation. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the DAC8564: | Feature | Specification | | :--- | :--- | | **Resolution** | 16-Bit | | **Channels** | 4 (Quad) | | **Interface** | SPI (up to 50MHz) | | **Supply Voltage** | 2.7V to 5.5V | | **Internal Reference** | 2.5V (2ppm/°C drift) | | **Output Type** | Buffered Voltage | | **Settling Time** | 10µs | | **Power Consumption** | 4mW (at 5V) | --- ### 2. Core Internal Components The DAC8564 integrates several electronic sub-systems into a single TSSOP-16 package: * **Resistor String Architecture:** Uses a segmented string of resistors to ensure monotonicity and minimize differential non-linearity (DNL) errors. * **Output Amplifiers:** Each of the four channels features a rail-to-rail output amplifier capable of driving loads up to $2k\Omega$ and $200pF$. * **Internal Reference:** Includes a high-precision $2.5V$ voltage reference. This eliminates the need for an external reference component in many designs, though an external one can still be used. * **Power-On Reset (POR):** Ensures the DAC outputs power up at a known state (zero-scale or mid-scale, depending on the specific model variant). --- ### 3. Pin Configuration and Functions The device typically uses a 16-pin layout. Key pins include: | Pin Name | Function | | :--- | :--- | | **$V_{DD}$** | Power supply input (2.7V to 5.5V). | | **$V_{OUT} A-D$** | Analog voltage output channels. | | **SCLK** | Serial Clock input for SPI communication. | | **DIN** | Serial Data Input. | | **$\overline{SYNC}$** | Level-triggered control input (Frame synchronization). | | **$V_{REF}H / V_{REF}L$** | High and low reference voltage inputs. | | **$\overline{LDAC}$** | Load DAC pin (updates all 4 DAC outputs simultaneously). | --- ### 4. Communication Protocol (SPI) The DAC8564 uses a 24-bit write sequence to control the device. The data packet structure is as follows: ```text [ 2 bits: Reserved ] [ 2 bits: Address ] [ 4 bits: Control ] [ 16 bits: Data ] ``` * **Address Bits:** Select which of the four DAC channels to update. * **Control Bits:** Determine the mode of operation (e.g., Write to buffer, Update DAC, or Power-down). * **Data Bits:** The 16-bit digital value to be converted to analog. --- ### 5. Application Circuit Considerations When designing a PCB for the DAC8564, keep the following in mind: 1. **Decoupling:** Place $0.1\mu F$ and $10\mu F$ capacitors as close to the $V_{DD}$ pin as possible to minimize noise. 2. **Grounding:** Use a solid ground plane. Keep analog signal traces away from high-speed digital lines (SCLK, DIN) to prevent crosstalk. 3. **Reference Stability:** If using the internal reference, ensure the $V_{REF}$ pin is decoupled to stabilize the internal buffer.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the DAC8564 and the DAC8565?
    • ⤷ How do I configure the DAC8564 to use an external voltage reference?
    • ⤷ Can you provide a C code example for initializing the DAC8564 via SPI?