전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DAC8564A

  • AI
    ## Overview of the DAC8564 The **DAC8564** is a low-power, voltage-output, four-channel (quad), 16-bit digital-to-analog converter (DAC). It is designed by Texas Instruments and is widely used in industrial process control and data acquisition systems due to its high resolution and internal reference capabilities. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 16-Bit | | **Number of Channels** | 4 (Quad) | | **Interface Type** | SPI (up to 50MHz) | | **Supply Voltage (AVDD)** | 2.7V to 5.5V | | **Internal Reference** | 2.5V (2ppm/°C drift typical) | | **Settling Time** | 10μs | | **Relative Accuracy (INL)** | ±4 LSB (Typical) | | **Output Type** | Buffered Voltage | --- ### Core Electronic Components & Features #### 1. Resistor String Architecture The DAC8564 utilizes a **resistor string** architecture. This design ensures monotonicity (the output always increases or stays the same as the digital input increases) and provides low glitch energy during code transitions. #### 2. Internal Voltage Reference One of the standout features is the integrated **2.5V reference**. * **Low Drift:** It features a temperature coefficient of 2ppm/°C, making it highly stable over varying temperatures. * **Reference Output:** The internal reference can be bypassed if an external reference is preferred, or it can be used to drive other components in the circuit via the `VREF` pin. #### 3. Output Amplifiers Each of the four channels includes a rail-to-rail output amplifier. These buffers allow the DAC to drive loads directly without significantly affecting the precision of the output voltage. #### 4. Serial Interface (SPI) The device communicates via a 3-wire serial interface: * **SCLK:** Serial Clock input. * **DIN:** Serial Data input (24-bit write word). * **SYNC:** Level-triggered control input (similar to Chip Select). --- ### Pin Configuration Highlights | Pin Name | Function | | :--- | :--- | | **AVDD** | Analog Power Supply (2.7V - 5.5V). | | **VOUT A-D** | Analog Output Voltages for channels A, B, C, and D. | | **VREFIN / VREFOUT** | Input for external reference or output for internal reference. | | **LDAC** | Load DAC; used to update all DAC outputs simultaneously. | | **CLR** | Clear pin; sets all DAC registers to zero-scale or mid-scale. | --- ### Typical Application Circuit Requirements To implement the DAC8564 effectively, the following electronic considerations are necessary: 1. **Decoupling Capacitors:** Use 0.1μF ceramic capacitors combined with 10μF tantalum capacitors on the `AVDD` pin to minimize noise. 2. **Grounding:** Use a solid analog ground plane. Keep digital signal traces (SPI) away from the analog output traces to prevent crosstalk. 3. **Reference Stability:** If using the internal reference, a small capacitor (approx. 100nF) is recommended on the `VREF` pin for stability. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the DAC8564 and the DAC8564-unit variants?
    • ⤷ How do you calculate the output voltage based on the 16-bit digital input code?
    • ⤷ What are the power-down modes available in the DAC8564?