전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DAC8564C

  • AI
    ### Overview of the DAC8564C The **DAC8564C** is a low-power, voltage-output, four-channel (quad), 16-bit digital-to-analog converter (DAC). It is widely used in industrial process control, instrumentation, and data acquisition systems due to its high resolution and integrated precision reference. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 16-Bit | | **Channels** | 4 (Quad) | | **Output Type** | Buffered Voltage Output | | **Reference** | Internal 2.5V (2ppm/°C drift) or External | | **Interface** | 3-Wire SPI (up to 50MHz) | | **Supply Voltage** | 2.7V to 5.5V | | **Settling Time** | 10 µs | | **Power Consumption** | ~1mW per channel at 5V | --- ### Internal Architecture and Components The DAC8564C consists of several critical electronic stages that ensure precision and stability: #### 1. Resistor String Architecture The device utilizes a monotonic resistor string architecture. This design guarantees monotonicity (the output increases or stays the same as the digital input increases) and minimizes differential non-linearity (DNL) errors. #### 2. Internal Reference One of the standout features of the "C" version is the integrated **2.5V reference**. It features a very low temperature drift (2ppm/°C typical), which reduces the need for external precision voltage regulators. #### 3. Output Amplifiers Each of the four channels has an internal rail-to-rail output amplifier. These buffers allow the DAC to drive loads directly without significantly affecting the accuracy of the resistor string. #### 4. Power-On Reset (POR) The DAC8564C includes a Power-On Reset circuit that ensures the DAC output powers up to a known state (Zero Scale for the 'C' variant), preventing unpredictable behavior in the connected hardware during startup. --- ### Pin Configuration & Functional Blocks | Pin Group | Function | | :--- | :--- | | **Vdd / GND** | Power supply and ground pins. | | **SCLK, DIN, SYNC** | The SPI interface pins. `SYNC` acts as the chip select. | | **Vout A, B, C, D** | The four analog output pins. | | **Vref H / Vref L** | Reference input/output pins for setting the voltage range. | | **LDAC** | Load DAC pin; used to update all four outputs simultaneously. | --- ### Typical Application Circuit When integrating the DAC8564C, follow these electronic best practices: 1. **Bypassing:** Use a 0.1µF ceramic capacitor in parallel with a 10µF tantalum capacitor on the `Vdd` pin to filter noise. 2. **Grounding:** Keep the analog and digital grounds separated on the PCB to prevent digital switching noise from coupling into the analog output. 3. **Output Loading:** While buffered, keep capacitive loads below 200pF to avoid stability issues and oscillations.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the DAC8564 and the DAC8565 models?
    • ⤷ How do you calculate the output voltage based on the 16-bit digital input code?
    • ⤷ What is the specific behavior of the LDAC pin for synchronous vs asynchronous updates?