전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DAC8564IDPW

  • AI
    ## Overview of the DAC8564IDPW The **DAC8564IDPW** is a high-precision, low-power, voltage-output, quad-channel, 16-bit Digital-to-Analog Converter (DAC). It is manufactured by Texas Instruments and is widely used in industrial process control and instrumentation. --- ### Key Specifications The following table summarizes the primary electrical and technical characteristics of the DAC8564IDPW: | Feature | Specification | | :--- | :--- | | **Resolution** | 16-Bit | | **Number of Channels** | 4 (Quad) | | **Interface** | SPI (3-Wire Serial) | | **Supply Voltage (VDD)** | 2.7V to 5.5V | | **Reference Voltage** | Internal 2.5V (2ppm/°C) or External | | **Settling Time** | 10 µs | | **Package** | TSSOP-16 | | **Relative Accuracy (INL)** | ±4 LSB (Typical) | --- ### Internal Functional Blocks The device consists of several critical electronic sub-systems that allow it to convert digital data into precise analog voltages: 1. **Resistor String Architecture**: Unlike R-2R ladders, this uses a string of resistors to ensure monotonicity, which is critical for control loops. 2. **Internal Reference**: It includes a highly stable 2.5V internal reference with a very low temperature drift, reducing the need for external precision components. 3. **Output Amplifiers**: Each of the four channels has a rail-to-rail output amplifier capable of driving loads up to $2k\Omega$ in parallel with $200pF$. 4. **Power-On Reset (POR)**: Ensures that the DAC outputs power up to a known state (Zero-scale for the 'I' version). --- ### Pin Configuration (TSSOP-16) | Pin Name | Function | Description | | :--- | :--- | :--- | | **Vout A-D** | Output | Analog output voltage for channels A, B, C, and D. | | **SCLK** | Input | Serial Clock input for SPI communication. | | **DIN** | Input | Serial Data input. | | **SYNC** | Input | Level-triggered control input (Active Low). | | **Vref** | Input/Output | Reference voltage input or internal reference output. | | **GND / VDD** | Power | Ground and Positive supply pins. | --- ### Digital Interface Logic The DAC8564 uses a standard SPI-compatible interface. Data is clocked into a 24-bit shift register: * **Bits 23-20**: Reserved/Don't care. * **Bits 19-16**: Control bits (to select specific channels or update modes). * **Bits 15-0**: 16-bit Data word for the analog output. ```c // Example of a conceptual 24-bit data packet for DAC8564 uint32_t dataPacket = (controlBits << 16) | (dacValue & 0xFFFF); SPI_Transfer(dataPacket); ``` --- ### Typical Applications * **Industrial Process Control**: Precise motor speed or valve position control. * **Data Acquisition Systems**: Generating offset or gain calibration voltages. * **Programmable Logic Controllers (PLCs)**: Analog output modules. * **Digital Gain and Offset Adjustment**: Fine-tuning sensor signals. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the DAC8564 and the DAC8565 variants?
    • ⤷ How do you calculate the output voltage based on the digital input code?
    • ⤷ What are the recommended decoupling capacitor values for the VDD and Vref pins?