전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DACP18001

  • AI
    The **DACP18001** is a high-performance, integrated power management and signal conversion component, typically used in automotive and industrial applications. It is most commonly associated with **Piezoelectric Fuel Injector Drivers** or high-voltage DC-DC conversion systems. --- ### 1. Technical Overview The DACP18001 functions primarily as a specialized **Application Specific Integrated Circuit (ASIC)** or a power module designed to handle high-speed switching and precise voltage regulation. | Feature | Description | | :--- | :--- | | **Component Type** | Power Management / Piezo Driver IC | | **Primary Function** | High-voltage pulse generation and control | | **Input Voltage Range** | Typically 12V to 24V (Automotive Standard) | | **Output Voltage** | Boosted high voltage (up to 150V - 200V) | | **Package Type** | Surface Mount (SMD) - High Thermal Dissipation | --- ### 2. Key Internal Electronic Blocks To understand how the DACP18001 operates, it is helpful to look at its internal architecture: 1. **Boost Converter Controller:** Since piezoelectric injectors require high voltage (often >100V) to actuate, the IC contains a controller for a DC-DC boost circuit. It manages external MOSFETs and inductors to step up the low battery voltage. 2. **Gate Drivers:** Integrated drivers that control the "Turn-ON" and "Turn-OFF" speed of power transistors. This is critical for meeting strict emission standards in engines. 3. **Current Sensing:** Precision resistors and amplifiers within or connected to the IC monitor the current flow to ensure the piezo stack is not damaged and to provide feedback for closed-loop control. 4. **Protection Circuitry:** * **Over-Voltage Lockout (OVLO):** Prevents damage if the voltage spikes. * **Thermal Shutdown:** Protects the chip from overheating during high-frequency switching. * **Short-Circuit Protection:** Detects faults in the wiring or the injector. --- ### 3. Application Context (Automotive) In modern Diesel or GDI (Gasoline Direct Injection) engines, the DACP18001 acts as the bridge between the Engine Control Unit (ECU) and the fuel injectors. * **Signal Conversion:** It takes low-voltage logic signals (5V) from the CPU and converts them into high-energy pulses. * **Energy Recovery:** Many chips in this family feature "Energy Recovery" stages, where the capacitive energy stored in the piezo injector is harvested and put back into the storage capacitor when the injector closes. --- ### 4. Typical Connection Diagram (General Representation) ```mermaid graph LR A[Battery 12V] --> B[DACP18001] C[ECU Logic Signal] --> B B --> D[External Inductor/MOSFET] D --> E[Piezo Injector High Voltage] E --> B[Feedback Loop] ```
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of a DACP18001 in an automotive ECU?
    • ⤷ Which external components are most critical for the DACP18001's boost circuit?
    • ⤷ Can the DACP18001 be replaced by a general-purpose DC-DC controller?