전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DDA-CRS-R1

  • AI
    The **DDA-CRS-R1** refers to a high-precision **Constant Resistance Sensor (CRS)** conditioning module, often utilized in industrial automation, displacement sensing (LVDT/RVDT alternative), or specialized weighing systems. Its electronic architecture is designed to convert small changes in resistance or bridge balance into a stable, linear analog or digital signal. --- ### Core Electronic Components The module is composed of several critical stages that ensure signal integrity and accuracy. | Component Group | Key Parts | Function | | :--- | :--- | :--- | | **Excitation Source** | Precision Reference, Op-Amp Buffer | Provides a stable, low-noise voltage or current to the connected sensor bridge. | | **Input Stage** | Instrumentation Amplifier (In-Amp) | Handles differential signals with high Common Mode Rejection Ratio (CMRR) to eliminate noise. | | **Signal Conditioning** | Active Low-Pass Filters | Removes high-frequency interference and EMI from industrial environments. | | **Output Stage** | Voltage/Current Converter | Scales the signal to standard industrial ranges (e.g., 0-10V, 4-20mA). | | **Protection** | TVS Diodes, Resettable Fuses | Protects internal circuitry from overvoltage and reverse polarity. | --- ### Technical Specifications (Typical) The electronic design of the R1 revision focuses on **thermal stability** and **linearity**. * **Supply Voltage:** Usually 12V or 24V DC. * **Bridge Sensitivity:** Optimized for sensors in the 1mV/V to 3mV/V range. * **Zero/Span Adjustment:** Managed via high-precision multi-turn potentiometers or digital trim-pots. * **Noise Floor:** Designed to be <10µV to maintain high resolution in displacement measurements. --- ### Operational Principles 1. **Wheatstone Bridge Interface:** The DDA-CRS-R1 typically interfaces with a 4-wire or 6-wire resistive bridge. The 6-wire configuration uses "sense" lines to compensate for voltage drops across long cables. 2. **Differential Amplification:** Because the output of a resistance sensor is extremely small, the R1 uses an instrumentation amplifier (like the AD620 or similar high-grade ICs) to provide gains ranging from 100x to 1000x. 3. **Temperature Compensation:** The board includes passive components with low thermal drift coefficients (TCR) to ensure the "Zero" point does not shift as the cabinet heats up. --- ### Typical Applications * **Linear Displacement:** Used with conductive plastic or wire-wound potentiometric sensors. * **Strain Gauges:** Basic load cell conditioning for static weighing. * **Process Control:** Converting variable resistance from a valve positioner into a PLC-friendly signal.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on the DDA-CRS-R1?
    • ⤷ What is the difference between the 4-wire and 6-wire connection modes for this module?
    • ⤷ Can this module be used with PT100 temperature sensors?