DE09PAM1-R-BL
AI

## Understanding the DE09PAM1-R-BL Connector
The **DE09PAM1-R-BL** is a specific type of D-Subminiature (D-Sub) connector widely used in serial communications and industrial interfacing. It follows the standard "E" size shell architecture with 9 pins, commonly referred to as a DB9 connector.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | D-Subminiature |
| **Number of Positions** | 9 Pins |
| **Gender** | Male (Plug) |
| **Mounting Style** | Right Angle, Through-Hole (PCB) |
| **Shell Size** | E (DE-9) |
| **Contact Plating** | Gold (typically Flash or 15µin-30µin depending on sub-series) |
| **Body Orientation** | Right Angle (90°) |
| **Color** | Black (BL suffix indicates insulator color) |
| **Locking Mechanism** | Riveted Nut / Boardlock (R suffix) |
---
### Component Breakdown
The part number can be decoded to understand its physical attributes:
1. **DE**: Refers to the shell size (E) and the D-Sub series.
2. **09**: Indicates the number of contacts (9 pins).
3. **P**: Indicates **Plug** (Male pins).
4. **A**: Refers to the mounting type (often Right Angle PCB mount).
5. **M1**: Denotes the mounting hardware configuration (e.g., specific hole diameters or threading).
6. **R**: Usually stands for **Boardlock** or **Riveted** standoffs, ensuring the connector stays physically secured to the PCB during soldering.
7. **BL**: Specifies the **Black** color of the plastic insulator (housing).
---
### Key Applications
* **RS-232 Serial Port:** The most common use for 9-pin D-sub connectors in legacy PC hardware and industrial controllers.
* **CAN bus Interfaces:** Frequently used in automotive and industrial networking.
* **Embedded Systems:** Provides a robust physical interface for debugging or peripheral connection on a PCB.
---
### Footprint & PCB Layout
Since this is a **Right Angle** connector, the pins are bent at 90 degrees to allow the connector to sit on the edge of a Printed Circuit Board.
* **Pitch:** Standard D-sub spacing (approx. 2.77mm between pins).
* **Stability:** The "R" (Boardlock) feature provides mechanical strain relief, preventing the solder joints from cracking when a cable is repeatedly plugged and unplugged.
- ⤷
What is the difference between the 'P' (Male) and 'S' (Female) versions of this connector regarding PCB footprint?
- ⤷ Can this connector be used for high-speed data transmission beyond RS-232?
- ⤷ What are the common alternatives to the DE09 for modern industrial designs?