DF110N2
AI

The **DF110N2** is a high-performance N-channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily used in power management and switching applications due to its high current handling and low thermal resistance.
---
### 1. Technical Specifications
Below are the typical electrical characteristics for the DF110N2:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 100V |
| **Continuous Drain Current** | $I_D$ | 110A |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~6.5 mΩ (at $V_{GS}$ = 10V) |
| **Gate-Source Voltage** | $V_{GS}$ | ±20V |
| **Total Gate Charge** | $Q_g$ | ~115 nC |
| **Package Type** | - | TO-220 or TO-263 |
---
### 2. Key Features
The DF110N2 is designed with specific technology to enhance efficiency in high-power circuits:
* **Low $R_{DS(on)}$:** The low on-resistance reduces power dissipation during the "on" state, leading to higher energy efficiency and less heat generation.
* **High Density Cell Design:** Utilizes advanced trench technology to achieve extremely high switching speeds and low gate charge.
* **Excellent Thermal Performance:** Designed to handle high junction temperatures, making it robust for industrial environments.
* **Avalanche Ruggedness:** Capable of withstanding energy pulses during inductive switching (UIS rated).
---
### 3. Common Applications
Due to its 100V rating and high current capacity, it is frequently found in:
1. **Motor Controllers:** Used in E-bikes, scooters, and industrial DC motor drives.
2. **DC-DC Converters:** High-frequency power supplies and voltage regulator modules.
3. **BMS (Battery Management Systems):** Protection circuits for high-voltage battery packs.
4. **Inverters:** Solar power inverters and Uninterruptible Power Supplies (UPS).
---
### 4. Circuit Implementation Example
In a standard switching circuit, the DF110N2 is used as a "Low-Side" switch.
```cpp
// Logic representation of MOSFET switching
if (PWM_Signal == HIGH) {
Vgs = 10V; // MOSFET conducts, Load is ON
} else {
Vgs = 0V; // MOSFET stops, Load is OFF
}
```
---
- ⤷
What are the equivalent MOSFET models for the DF110N2?
- ⤷ How does the temperature affect the Rdson of this component?
- ⤷ What is the recommended gate driver voltage for optimal switching?