전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DF2B7SL

  • AI
    ## Overview of the DF2B7SL The **DF2B7SL** is a high-performance **ESD (Electrostatic Discharge) Protection Diode** manufactured by Toshiba. It is specifically designed to protect sensitive semiconductor devices and high-speed data lines from damage caused by static electricity or voltage surges. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the DF2B7SL: | Parameter | Symbol | Typical Value / Limit | | :--- | :--- | :--- | | **Reverse Working Voltage** | $V_{RWM}$ | 5.5 V (Max) | | **Total Capacitance** | $C_t$ | 0.2 pF (Typ.) | | **ESD Immunity** | $V_{ESD}$ | ±8 kV (Contact/Air) | | **Dynamic Resistance** | $R_{dyn}$ | 0.9 $\Omega$ (Typ.) | | **Package Type** | Package | SL2 (SOD-962) | --- ### 2. Functional Features * **Ultra-Low Capacitance:** With a typical capacitance of only **0.2 pF**, this diode is ideal for high-speed signal lines (like USB 3.0/3.1 or HDMI) because it does not degrade signal integrity. * **Bidirectional Characteristics:** It can protect lines where the signal swings both above and below ground, or simply provide flexible polarity during PCB assembly. * **Compact Footprint:** The SL2 package is extremely small, making it suitable for high-density mobile electronics like smartphones and wearables. * **High ESD Tolerance:** Despite its small size, it meets IEC61000-4-2 standards for robust protection. --- ### 3. Common Applications The DF2B7SL is typically used in the following interfaces: 1. **USB 3.x / USB Type-C:** Protecting the high-speed differential pairs. 2. **HDMI / DisplayPort:** Preventing damage during cable hot-plugging. 3. **Antenna Ports:** Protecting RF front-ends from static discharge. 4. **Thunderbolt:** Handling very high data rate transitions without interference. --- ### 4. Typical Circuit Diagram In a standard application, the diode is placed in parallel between the signal line and the ground (GND). ```mermaid graph LR A[Signal Input] --- B((DF2B7SL)) B --- C[GND] A --- D[Internal IC/Processor] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between unidirectional and bidirectional ESD diodes?
    • ⤷ How does 0.2 pF capacitance affect signal integrity in USB 3.0?
    • ⤷ What are the recommended soldering footprints for the SL2 package?