DFE252012P-R47M
AI

The **DFE252012P-R47M** is a high-performance, metal alloy core fixed inductor manufactured by **Murata Electronics**. It is specifically designed for power circuits in compact electronic devices like smartphones, tablets, and wearable technology.
---
### ## Technical Specifications
Below is a detailed breakdown of the electronic characteristics of this component:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 21 mΩ (Max) / 17 mΩ (Typ) |
| **Rated Current (Isat)** | 5.3 A (Based on Inductance change) |
| **Rated Current (Itemp)** | 4.3 A (Based on Temperature rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 2.5mm x 2.0mm x 1.2mm (Metric 2520) |
| **Material** | Metal Alloy (Magnetic Iron Powder) |
---
### ### Key Features and Construction
1. **Metal Alloy Core:** Unlike traditional ferrite inductors, the DFE series uses a metal alloy powder. This allows for **Soft Saturation** characteristics, meaning the inductance drops gradually as current increases rather than dropping off sharply.
2. **Magnetic Shielding:** The part is magnetically shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components—a critical requirement for high-density PCB layouts.
3. **High Current Capability:** Due to the metallic core, it can handle significantly higher currents relative to its small physical footprint compared to standard multilayer inductors.
4. **Low DCR:** The low DC resistance ensures minimal power loss and high efficiency, extending battery life in portable devices.
---
### ### Typical Applications
This part is primarily used in **DC-DC Converters** for power management. Common use cases include:
* **Point of Load (POL)** converters in mobile phones.
* Voltage Regulator Modules (VRM).
* High-efficiency power supplies for CPUs and GPUs in handheld devices.
---
### ### Part Number Breakdown (Deciphering the Code)
```text
DFE 2520 12 P - R47 M
| | | | | |_ Tolerance (M = ±20%)
| | | | |____ Inductance Value (R47 = 0.47 µH)
| | | |_________ Product Identification
| | |___________ Height (1.2 mm)
| |________________ Dimensions (2.5mm x 2.0mm)
|_____________________ Series Name (Metal Alloy Inductor)
```
- ⤷What is the difference between Isat and Itemp in this inductor?
- ⤷ Are there any recommended alternatives with a lower profile than 1.2mm?
- ⤷ How does the metal alloy core improve performance compared to ferrite?