전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DFR0646-R

  • AI
    The **DFR0646-R** is a high-performance **Brushless DC (BLDC) Motor Driver** developed by DFRobot. It is designed specifically for high-torque and high-speed applications such as robotics, drones, and small electric vehicles. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 8V - 28V DC | | **Continuous Current** | 10A (up to 20A with heat sink) | | **Control Signal** | PWM / TTL Serial / Analog | | **Supported Motor Type** | 3-Phase BLDC (with or without Hall Sensors) | | **Interface** | UART / USB (Type-C) | | **Encoder Support** | AB Phase / Hall Encoder / Magnetic Encoder | --- ### 2. Core Electronic Components #### A. Main Microcontroller (MCU) The heart of the driver is typically an **ARM Cortex-M series** processor. This chip handles the complex Field Oriented Control (FOC) algorithms, which ensure smooth motor rotation and precise torque control. #### B. Power MOSFETs The board features a **6-MOSFET H-Bridge** configuration. These power transistors switch the high current required to drive the three phases (U, V, W) of the BLDC motor. * **Thermal Management:** The board usually includes copper pours and pads to dissipate heat, though an external fan or heatsink is recommended for loads over 10A. #### C. Current Sensing Circuitry Precision **shunt resistors** and operational amplifiers are used to measure the current flowing through each phase. This allows the driver to perform: * Over-current protection. * Torque-loop control (maintaining constant force regardless of speed). #### D. Voltage Regulators The board includes an onboard **DC-DC Buck Converter** to step down the input voltage (up to 28V) to 5V and 3.3V to power the internal logic circuits and the connected encoder/sensors. --- ### 3. Connection Ports and Interfaces 1. **Power Input:** XT30 or screw terminals for the main battery/power supply. 2. **Motor Output:** Three terminals (U, V, W) for the brushless motor phases. 3. **Encoder Port:** A 5-pin or 6-pin header to receive feedback from Hall sensors or optical encoders. 4. **Communication:** * **USB-C:** For configuration via PC software. * **UART:** For controlling the motor via Arduino, Raspberry Pi, or ESP32. --- ### 4. Advanced Features * **FOC (Field Oriented Control):** Unlike simple trapezoidal driving, FOC provides sinusoidal current, reducing noise and increasing efficiency. * **Protection Circuits:** Includes Under-voltage, Over-voltage, Over-temperature, and Short-circuit protection. ---
    ✨ Follow-up Questions
    • ⤷How do I configure the FOC parameters for the DFR0646-R?
    • ⤷ What are the advantages of using FOC over traditional PWM driving for BLDC motors?
    • ⤷ Can this driver be used with a standard Arduino Uno?