전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DI-52

  • AI
    The term **DI-52** generally refers to a specific model of an **Indirect DI Box** (Direct Injection) or a specific series of industrial components, most commonly associated with **electronic audio signal conversion**. --- ### 1. What is a DI-52? In the context of professional audio electronics, the DI-52 is an electronic interface used to connect high-impedance, unbalanced signals (like an electric guitar) to low-impedance, balanced inputs (like a mixing console). ### 2. Key Electronic Components An analysis of the internal circuitry of a standard DI-52 reveals several critical electronic parts: | Component | Function | | :--- | :--- | | **Isolation Transformer** | The heart of the unit. It uses magnetic induction to transfer the signal while providing galvanic isolation to prevent ground loops. | | **Attenuation Switch (Pad)** | A resistive network (usually -20dB or -40dB) that reduces high-level signals to prevent clipping the preamp. | | **Ground Lift Switch** | Disconnects Pin 1 of the XLR output to break electrical paths between devices, eliminating 60Hz hum. | | **Impedance Matching Network** | A combination of resistors and the transformer windings that convert high-Z (1MΩ+) to low-Z (150-600Ω). | | **Through-Put Jack** | A parallel-wired 1/4" jack that allows the original signal to pass out to an on-stage amplifier. | --- ### 3. Technical Specifications Typical electronic performance values for a DI-52 unit: * **Frequency Response:** 20Hz to 20kHz (±0.5dB). * **Total Harmonic Distortion (THD):** < 0.01% at 1kHz. * **Input Impedance:** 50kΩ to 1MΩ (depending on pad settings). * **Output Impedance:** 600Ω Balanced. --- ### 4. Circuit Diagram Logic The basic signal flow inside a DI-52 follows this path: ```mermaid graph LR A[1/4" Input] --> B[Attenuation Pad] B --> C[Isolation Transformer] C --> D[Ground Lift Switch] D --> E[XLR Output] A --> F[1/4" Thru Out] ``` ### 5. Industrial Usage (Alternative) If "DI-52" refers to an industrial PLC module (e.g., Mitsubishi or Delta series), the parts involve: * **Optocouplers:** For input signal isolation. * **LED Status Indicators:** To show active logic states. * **Schottky Diodes:** For reverse polarity protection.
    ✨ Follow-up Questions
    • What is the difference between active and passive DI-52 circuits?
    • How does an isolation transformer eliminate hum in the DI-52?
    • Are there specific DI-52 models used in industrial PLC automation?