전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DL-A04-R

  • AI
    The **DL-A04-R** is a specific electronic component, typically categorized as a **Wireless Receiver Module** operating on the RF (Radio Frequency) spectrum, commonly at 315MHz or 433MHz. It is widely used in remote control systems, security alarms, and IoT prototypes. --- ### 1. Key Technical Specifications The module is designed for low-power consumption and integration into small-scale wireless systems. | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | 3.3V - 5.5V DC | | **Operating Current** | ≤ 5mA | | **Frequency** | 315MHz / 433.92MHz (Variant dependent) | | **Modulation Type** | ASK / OOK (Amplitude Shift Keying) | | **Sensitivity** | -108 dBm to -110 dBm | | **Output Type** | CMOS Level (High/Low) | | **Operating Temp** | -20°C to +70°C | --- ### 2. Physical Components & Pinout The "DL" prefix often refers to manufacturers like *DreamLNK*. The module typically consists of a high-frequency inductor, a SAW filter (in high-quality versions), and a decoding/amplifying IC. #### Pin Configuration: 1. **ANT:** Antenna connection (usually a 17cm wire for 433MHz). 2. **VCC:** Positive Power Supply. 3. **DATA:** Serial data output (connects to MCU or Decoder IC). 4. **DATA:** Redundant data output for stability. 5. **GND:** Ground. --- ### 3. Functional Mechanism The DL-A04-R operates as a **Superheterodyne** or **Super-regenerative** receiver: * **Signal Capture:** The antenna picks up RF waves. * **Filtering:** The internal circuitry filters out noise and isolates the specific frequency (e.g., 433MHz). * **Demodulation:** The ASK/OOK circuit converts the radio waves back into digital pulses (1s and 0s). * **Data Output:** These pulses are sent through the DATA pin to a microcontroller (like Arduino) or a hardware decoder (like PT2272). --- ### 4. Common Applications * **Garage Door Openers:** Receiving signals from a handheld remote. * **Wireless Doorbell:** Triggering a chime when a button is pressed. * **Smart Home Sensors:** Receiving data from PIR motion sensors or door contacts. * **Industrial Control:** Remote switching of relays or motors. --- ### 5. Implementation Example (Arduino) To read data from the DL-A04-R, you would typically use a library like `RCSwitch`. ```cpp #include RCSwitch mySwitch = RCSwitch(); void setup() { Serial.begin(9600); // Receiver connected to Interrupt 0 (Digital Pin 2) mySwitch.enableReceive(0); } void loop() { if (mySwitch.available()) { Serial.print("Received Value: "); Serial.println(mySwitch.getReceivedValue()); mySwitch.resetAvailable(); } } ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the optimal antenna length for a DL-A04-R at 433MHz?
    • ⤷ What is the maximum effective range of this receiver module?
    • ⤷ How does a superheterodyne receiver differ from a super-regenerative one in terms of performance?