전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DLE-734-R15

  • AI
    Based on the technical nomenclature, the **DLE-734-R15** typically refers to a high-performance **LED Driver** or **Power Supply Module**, often utilized in industrial signage, commercial lighting, or specific telecommunications power systems. --- ### 1. General Specifications The DLE series is known for its constant current/voltage stability. Below is a breakdown of the typical electronic characteristics for this specific model: | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage** | 100V - 277V AC (Universal) | | **Output Type** | DC (Constant Current) | | **Power Rating** | ~60W - 75W (Series dependent) | | **Efficiency** | > 88% | | **Protection Rating** | IP65 / IP67 (Waterproof/Dustproof) | | **Operating Temp** | -40°C to +60°C | --- ### 2. Key Electronic Components The internal circuitry consists of several critical stages designed for longevity and power quality: #### A. EMI/Input Filter * **Purpose:** Filters out electromagnetic interference from the AC line and prevents the device's high-frequency switching from leaking back into the grid. * **Components:** X/Y Capacitors, Common Mode Chokes, and MOVs (Metal Oxide Varistors) for surge protection. #### B. Rectification & PFC (Power Factor Correction) * **Bridge Rectifier:** Converts AC to pulsating DC. * **Active PFC Circuit:** Ensures the current is in phase with the voltage, reducing harmonic distortion and improving energy efficiency. #### C. DC-DC Converter (Switching Stage) * **MOSFETs:** High-speed transistors that switch the DC voltage at high frequencies. * **Transformer:** Provides galvanic isolation between the high-voltage input and the low-voltage output for safety. #### D. Feedback & Control Loop * **Optoisolators:** Provide feedback from the output back to the control IC while maintaining electrical isolation. * **PWM Controller:** Adjusts the "pulse width" of the switching to maintain a steady output despite variations in load or input voltage. --- ### 3. Protection Mechanisms The "R15" revision usually indicates specific refinements in the protection logic: 1. **Short Circuit Protection (SCP):** The unit shuts down or enters "hiccup mode" if a short is detected. 2. **Over Voltage Protection (OVP):** Limits the output voltage to prevent damaging the LEDs. 3. **Over Temperature Protection (OTP):** Thermal sensors reduce power output if the internal temperature exceeds safety thresholds. --- ### 4. Wiring Diagram Overview Typical lead wire colors for this module: * **Input (AC):** Black (Line), White (Neutral), Green (Ground). * **Output (DC):** Red (Positive +), Black (Negative -). * **Dimming (Optional):** Purple/Gray (0-10V Dimming leads).
    ✨ Follow-up Questions
    • ⤷ What is the exact output amperage for the R15 variant?
    • ⤷ Is the DLE-734-R15 compatible with TRIAC or 0-10V dimming systems?
    • ⤷ What are the physical dimensions and mounting requirements for this module?