전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DM19CY102JO3-SA-R02

  • AI
    The part number **DM19CY102JO3-SA-R02** refers to a high-reliability, precision silver mica capacitor. These components are primarily used in high-frequency applications where stability and low loss are critical. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Capacitance** | 1000 pF (1 nF) | | **Tolerance** | ±5% (indicated by 'J') | | **Voltage Rating** | 500 VDC (typical for DM19 series) | | **Dielectric Material** | Silver Mica | | **Case Style** | DM19 (Standard dipped package) | | **Operating Temperature** | -55°C to +125°C or +150°C | --- ### 2. Breakdown of the Part Number While nomenclature varies slightly by manufacturer (commonly Cornell Dubilier - CDE), the standard breakdown is as follows: * **DM19**: Denotes the physical size and case style. DM19 is a larger format compared to DM15, allowing for higher capacitance and voltage ratings. * **CY**: Often refers to characteristic codes involving temperature coefficients and drift requirements. * **102**: The capacitance value code. $10 \times 10^2 = 1000$ pF. * **J**: Tolerance code. J represents ±5%. * **O3**: Typically refers to the working voltage (e.g., 3 = 300V or 500V depending on the specific series chart). * **SA**: Packaging or specific lead style (e.g., Straight leads). * **R02**: RoHS compliance indicator or a specific revision/internal manufacturer code. --- ### 3. Key Characteristics * **High Stability:** Mica capacitors are known for having extremely low capacitance drift over time. * **Low Loss (High Q):** They possess a very high Quality Factor (Q), making them ideal for tuned circuits and RF filters. * **Precision:** They are used when ceramic capacitors (like Y5V or Z5U) are too unstable and C0G/NP0 ceramics do not meet specific voltage/size requirements. * **Tight Tolerance:** Silver mica construction allows for very precise values that remain stable under varying thermal conditions. --- ### 4. Common Applications 1. **RF Oscillators:** Maintaining a stable frequency in radio transmitters. 2. **Filter Networks:** Used in high-precision low-pass, high-pass, and band-pass filters. 3. **Snubber Circuits:** Their high voltage handling allows them to be used in power electronics for spike suppression. 4. **Audio Equipment:** Sometimes found in high-end tube amplifiers for signal coupling where "musicality" and stability are desired.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of a DM19 case size?
    • ⤷ How does silver mica compare to C0G/NP0 ceramic capacitors?
    • ⤷ Is there a direct equivalent for this part in a surface mount (SMD) format?