전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DM19CY151JO3-SA-R02

  • AI
    Based on the part number **DM19CY151JO3-SA-R02**, this component is a **Silver Mica Capacitor**. These capacitors are known for high stability, low loss (high Q factor), and excellent performance in RF (Radio Frequency) and precision timing circuits. --- ## 1. Component Specification Breakdown The alphanumeric code provides specific details regarding the capacitor's construction and electrical characteristics: | Code Segment | Description | Value/Meaning | | :--- | :--- | :--- | | **DM19** | Case Size | Standard "DM19" dimensions (approx. 11.4 x 11.4 mm) | | **CY** | Temperature Range | Characteristic Y (-55°C to +125°C) | | **151** | Capacitance Code | 150 pF (15 followed by one zero) | | **J** | Tolerance | ±5% | | **O3** | Voltage Rating | 300 VDC or 500 VDC (Manufacturer dependent) | | **SA** | Lead Configuration | Straight Leads (Standard) | | **R02** | Packaging/Internal | RoHS compliant / Specific reel or bulk code | --- ## 2. Key Technical Attributes ### Physical Construction Silver Mica capacitors are built by sandwiching layers of mica (a natural mineral) between silver electrodes. The assembly is then encapsulated in a rugged epoxy coating to protect against environmental moisture. ### Electrical Performance * **High Q Factor:** Extremely low dissipation factor, making it ideal for oscillators and filters. * **Stability:** The capacitance value remains very stable over time and across a wide range of temperatures. * **Voltage Handling:** High dielectric strength allows for relatively high voltage ratings in a small footprint. --- ## 3. Common Applications Due to its high precision and stability, the **DM19CY151JO3-SA-R02** is typically used in the following areas: 1. **RF Circuits:** Used in tuning circuits, coupling, and decoupling in radio equipment. 2. **Transmitters:** High-stability requirements in ham radio or professional broadcasting gear. 3. **Pulse Power:** Circuits requiring rapid discharge without significant internal heating. 4. **Test Equipment:** Precision measurement tools where drift must be minimized. ---
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of Mica capacitors over Ceramic capacitors?
    • ⤷ Can you explain the significance of the 'Q factor' in this specific capacitor?
    • ⤷ What are the physical dimensions and lead spacing for a DM19 package?