DMN3035LWN-13
AI

## DMN3035LWN-13 Overview
The **DMN3035LWN-13** is an N-Channel enhancement mode MOSFET manufactured by Diodes Incorporated. It is designed for efficiency in power management tasks, particularly in small-form-factor electronic devices.
---
### Technical Specifications
The following table outlines the primary electrical characteristics of the device:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20V |
| **Continuous Drain Current** | $I_D$ | 4.5A |
| **Pulsed Drain Current** | $I_{DM}$ | 30A |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~35mΩ @ $V_{GS}=10V$ |
| **Power Dissipation** | $P_D$ | 1.1W |
| **Package Type** | SOT23 | Surface Mount |
---
### Key Features
1. **Low On-Resistance ($R_{DS(on)}$):** Minimizes conduction losses, making it highly efficient for switching applications.
2. **Fast Switching Speed:** Allows for use in high-frequency DC-DC converters.
3. **Logic Level Gate Drive:** Can be triggered by low voltage signals (e.g., from a microcontroller), eliminating the need for complex gate driver circuits.
4. **Small Footprint:** The SOT23 package is ideal for high-density PCB layouts.
---
### Common Applications
* **Load Switching:** Used to connect or disconnect a power rail to a sub-circuit.
* **DC-DC Converters:** Acts as a power switch in buck or boost converters.
* **Battery Management:** Protects battery circuits or manages charging paths in portable electronics.
* **Motor Control:** Small DC motor drivers for consumer electronics.
---
### Equivalent Parts
If the DMN3035LWN-13 is unavailable, the following components offer similar performance:
* **BSS138** (Lower current capacity, but similar logic level).
* **AO3400A** (Higher current handling in the same SOT23 package).
* **Si2302ADS** (Common alternative for 20V-30V N-Channel needs).
- ⤷What are the specific thermal management requirements for this MOSFET?
- ⤷ Can this MOSFET be used directly with a 3.3V GPIO pin?
- ⤷ How does the DMN3035LWN-13 compare to its P-channel counterpart?