전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DMS-30DR-3-R-C

  • AI
    ## Overview of DMS-30DR-3-R-C The **DMS-30DR-3-R-C** is a high-precision, 3.5-digit digital voltmeter (DVM) manufactured by Murata Power Solutions (formerly Datel). It is part of the DMS-30DR series, known for its "Daylight Readable" red LED display and auto-zeroing technology. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Display Type** | 3.5 Digit Red LED (0.56" height) | | **Input Range** | ±2V (Full Scale) | | **Power Supply** | +5V DC (±5% tolerance) | | **Operating Current** | 100mA (typical), 150mA (max) | | **Resolution** | 0.001V (1mV) | | **Accuracy** | ±0.05% of Reading ±1 Count | | **Package Style** | 12-pin DIP (Dual In-line Package) | --- ### Electronic Components & Internal Architecture The module is a "complete" system-on-a-module, meaning it integrates several complex sub-circuits into a single compact housing: #### 1. Analog-to-Digital Converter (ADC) * **Dual-Slope Integration:** It utilizes a dual-slope integration technique to convert analog voltages into digital signals. This provides high noise rejection (especially 50/60Hz line noise) and excellent stability. * **Auto-Zeroing:** The internal circuitry automatically compensates for offset errors during every measurement cycle, ensuring the "000" reading is accurate. #### 2. The LED Display Driver * **Red LED Segments:** The "R" in the part number signifies the High-Intensity Red LEDs, which are designed to be "Daylight Readable." * **Multiplexing:** To save power and reduce pin count, the display segments are driven via a multiplexed signal from the internal controller. #### 3. Voltage Reference * **Internal Precision Reference:** The module includes an internal temperature-compensated voltage reference. While it is factory-calibrated, the module usually provides a **Reference Out** (Pin 8) and **Reference In** (Pin 9) to allow for external calibration using a potentiometer. #### 4. The Housing * **Epoxy Encapsulated:** The electronics are housed in a rugged, moisture-resistant plastic package, protecting the sensitive SMT (Surface Mount Technology) components from vibration and environmental factors. --- ### Pinout Configuration (Key Pins) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +5V Supply | Main power input for the module. | | 3 | (-) Input Lo | Low side of the signal being measured. | | 11 | (+) Input Hi | High side of the signal being measured. | | 12 | Supply Common | Ground return for the 5V power supply. | | 4, 5, 6 | Decimal Points | Used to manually activate the DP1, DP2, or DP3 positions. | --- ### Application Notes * **Common Mode Voltage:** Ensure the input signals do not exceed the power supply rails (0V to +5V) relative to the supply common, unless using a differential setup. * **Decimal Point Selection:** Decimal points are not automatic; they are set by grounding the specific DP pin corresponding to the desired scale.
    ✨ Follow-up Questions
    • ⤷ How do I wire this module to measure a 0-20V range instead of 2V?
    • ⤷ What is the difference between the 'R' and 'RL' versions of this module?
    • ⤷ Can this module be powered by a 9V battery directly?