전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DPS50

  • AI
    The **DPS50** series (commonly the DPS5005 or DPS5020) refers to a family of programmable constant voltage and constant current step-down (buck) DC power supply modules. These units are popular in DIY electronics because they combine high-precision control with a compact form factor. --- ### 1. Key Internal Electronic Components The architecture of a DPS50 module is split into power conversion, control logic, and user interface. | Component Category | Specific Part / Role | Function | |:---|:---|:---| | **Microcontroller (MCU)** | ARM Cortex-M series (e.g., STM32) | Acts as the "brain," managing the PID loop, LCD display, and button inputs. | | **Buck Converter IC** | Synchronous Step-Down Controller | Converts high input voltage to a lower, stable output voltage. | | **Power MOSFETs** | High-current N-Channel MOSFETs | Rapidly switch the current to regulate voltage and current. | | **Shunt Resistor** | Low-ohm precision resistor | Measures the output current (current sensing) to provide CC (Constant Current) feedback. | | **Inductor** | High-saturation toroidal or SMD inductor | Stores energy during the switching cycle to smooth out the output current. | | **Capacitors** | Low ESR Electrolytic + Ceramic | Filters input/output ripples and stabilizes the voltage rail. | --- ### 2. Functional Blocks The device operates using the following electronic stages: 1. **Input Filtering:** Protects the internal circuitry from voltage spikes and filters out noise from the external DC power source. 2. **Power Stage (Buck):** Uses Pulse Width Modulation (PWM) to step down the voltage. The efficiency is typically around 90-95%. 3. **Feedback Loop:** The MCU monitors output via an **Analog-to-Digital Converter (ADC)**. It compares the real-time voltage/current to the user's settings and adjusts the PWM signal accordingly. 4. **Communication Interface:** Many DPS50 models include headers for **UART (TTL)**, allowing for USB or Bluetooth connectivity to control the device via PC or mobile app. --- ### 3. Basic Specifications (DPS5005 Example) If you are integrating this into a project, these are the electronic limits: ```yaml Power_Specs: Input_Voltage_Range: 6.00V - 55.00V Output_Voltage_Range: 0V - 50.00V Output_Current_Range: 0 - 5.000A Output_Power_Max: 250W Voltage_Resolution: 0.01V Current_Resolution: 0.001A ``` --- ### 4. Integration Diagram When wiring a DPS50 module, the electronic flow is as follows: `DC Source (Power Supply/Battery)` -> **[IN+ / IN-]** -> `DPS50 Module` -> **[OUT+ / OUT-]** -> `Load` > **Note:** Since this is a **buck** (step-down) converter, the input voltage must always be approximately 1.1x higher than the desired maximum output voltage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the DPS5005 and the DPS5020 in terms of power handling?
    • ⤷ Can I use a DPS50 module to charge Lithium-Ion batteries safely?
    • ⤷ How does the 'CV' and 'CC' mode logic work within the electronic circuit?