전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DR10D06

  • AI
    The **DR10D06** is a high-performance **Solid State Relay (SSR)** manufactured by Crydom (a brand of Sensata Technologies). It is designed specifically for DIN rail mounting and is used to switch DC loads. --- ## 1. Core Technical Specifications The model number "DR10D06" identifies its specific operating parameters: | Parameter | Specification | | :--- | :--- | | **Load Voltage Range** | 1 to 100 VDC | | **Maximum Load Current** | 6 Amps | | **Control Voltage (Input)** | 4 to 32 VDC | | **Switching Type** | DC Output / MOSFET | | **Mounting Type** | 10mm DIN Rail Mount | | **Terminal Type** | Screw Terminals | --- ## 2. Key Electronic Features ### A. MOSFET Output Technology Unlike traditional mechanical relays that use physical contacts, the DR10D06 uses an internal **MOSFET**. This results in: * **Low On-State Resistance:** Minimizes heat generation during operation. * **High Switching Speed:** Allows for rapid cycling that mechanical relays cannot achieve. * **Infinite Life:** No moving parts means no contact wear or arcing. ### B. Optical Isolation The device features **optical isolation** (typically 2500 Vrms) between the input (control) side and the output (load) side. This protects sensitive PLC or microcontroller circuits from high-voltage spikes on the load side. ### C. LED Status Indicator A built-in green LED provides a visual confirmation when the control signal is active, simplifying troubleshooting in industrial cabinets. --- ## 3. Typical Applications The DR10D06 is commonly found in industrial automation for: * **DC Motor Control:** Small brushes or gear motors. * **Solenoid Actuators:** Rapid pulsing of valves. * **Heating Elements:** Precision temperature control via PWM (Pulse Width Modulation). * **Lighting:** Controlling DC-powered LED arrays. --- ## 4. Connection Diagram (General) ```text [ CONTROL SIDE ] [ LOAD SIDE ] +--------------+ +--------------+ | (1) + Control | <--- 4-32VDC | (3) + Load | <--- Max 100VDC | | | | | (2) - Control | <--- Ground | (4) - Load | <--- To Device +--------------+ +--------------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation of the DR10D06 at full load?
    • ⤷ Does this SSR require an external flyback diode for inductive loads?
    • ⤷ What are the thermal derating curves for this model?