전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DR10D06XR

  • AI
    The **DR10D06XR** is an electronic component primarily classified as a **High-Power Solid State Relay (SSR)** or a specialized **Direct Current (DC) switching module**. These devices are used to control high-current loads using a small input signal, providing optical isolation between the control circuit and the load. Below is a detailed breakdown of its specifications, internal parts, and characteristics. --- ### 1. Technical Specifications The "DR" series generally refers to DIN-rail mountable units. Here are the typical parameters for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Control Voltage (Input)** | 3.5 - 32 VDC (Logic Level) | | **Load Voltage (Output)** | 1 - 60 VDC | | **Load Current Rating** | 6 Amperes | | **Switching Type** | DC Switching (MOSFET Based) | | **Mounting Type** | 35mm DIN Rail | | **Isolation** | Optical (typically 2.5kV to 4kV) | --- ### 2. Internal Electronic Construction The DR10D06XR consists of several key stages inside its housing: #### A. Input Circuit (Control Side) * **LED/Optocoupler:** When a DC voltage is applied to the input terminals, an internal LED lights up. * **Current Limiting Resistor:** Ensures the internal LED does not burn out from the control voltage. #### B. Isolation Barrier * **Optical Isolation:** There is no physical electrical connection between the input and output. Light transmits the signal across a gap, protecting the sensitive microcontroller or PLC from high-voltage spikes on the load side. #### C. Output Stage (Power Side) * **Power MOSFET:** Unlike AC SSRs that use Triacs, DC SSRs like the DR10D06XR use a MOSFET. This allows for low "on-resistance" and high-speed switching. * **Flyback Diode (Internal):** Often includes protection against inductive back-EMF (voltage spikes from motors or solenoids). --- ### 3. Application Use Cases This component is designed for industrial environments where reliability and fast switching are required. 1. **Solenoid/Valve Control:** Rapidly opening and closing fluid valves. 2. **DC Motor Control:** Turning small DC motors on and off or using PWM (Pulse Width Modulation) for speed control. 3. **Heater Control:** Managing DC-powered heating elements in laboratory or industrial equipment. 4. **PLC Interface:** Acting as a buffer between a low-power PLC output and a high-power device. --- ### 4. Advantages vs. Mechanical Relays * **Longevity:** No moving parts means no contact wear or arcing. * **Speed:** Can switch in microseconds, whereas mechanical relays take milliseconds. * **Silent Operation:** No "clicking" sound during operation. * **Vibration Resistance:** Highly stable in environments with heavy machinery.
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the DR10D06XR at full load?
    • ⤷ Can this component be used with Pulse Width Modulation (PWM) for dimming applications?
    • ⤷ How do I wire a flyback diode to this SSR when driving an inductive load?