전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DR124-330-R

  • AI
    ## Technical Overview of DR124-330-R The **DR124-330-R** is a high-power, shielded surface-mount (SMD) inductor manufactured by Eaton (formerly Bussmann/Coiltronics). It is part of the DR series, which is specifically designed for high-density power applications. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 33 $\mu$H | Nominal inductance at 100 kHz | | **Tolerance** | ±20% | Acceptable variance in inductance | | **Rated Current (I rms)** | 2.53 Amps | Root Mean Square current (thermal limit) | | **Saturation Current (I sat)** | 3.2 Amps | Current at which inductance drops ~30% | | **DC Resistance (DCR)** | 71.0 mΩ | Typical resistance at 20°C | | **Operating Temp** | -40°C to +125°C | Safe range including self-heating | --- ### 2. Physical Construction and Features * **Shielded Design:** The inductor is magnetically shielded. This minimizes EMI (Electromagnetic Interference) by containing the magnetic flux within the component, which is critical for densely packed PCBs. * **Ferrite Core:** Utilizes a high-performance ferrite drum core that offers low core losses and high efficiency at high switching frequencies. * **Drum Core Geometry:** The "DR" prefix stands for Drum Core. This specific size (124) indicates dimensions of approximately **12.5mm x 12.5mm x 4.5mm**. * **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS environmental standards. --- ### 3. Common Applications This component is typically found in power management circuits where voltage needs to be stepped up or down efficiently. 1. **DC-DC Converters:** Used as the primary energy storage element in Buck (step-down) and Boost (step-up) converters. 2. **Point of Load (POL):** High-current power supplies for CPUs, FPGAs, and ASICs. 3. **Industrial Electronics:** Ideal for motor controllers and battery chargers due to its high current rating. 4. **Computer Peripherals:** Used in server power supplies and high-end graphics cards. --- ### 4. Important Design Considerations * **Saturation (I sat):** When designing your circuit, ensure the peak current does not exceed the 3.2A limit, or the inductor will lose its effectiveness and potentially cause circuit failure. * **Thermal Management:** The **I rms** rating is based on a temperature rise of 40°C above ambient. Ensure there is adequate airflow or copper area on the PCB for heat dissipation. * **Frequency Range:** While rated for performance at 100 kHz, these inductors are typically effective in switching power supplies ranging from 100 kHz up to 1 MHz.
    ✨ Follow-up Questions
    • ⤷What are the physical dimensions of the DR124 package?
    • ⤷ How does the DR124 compare to the DR127 series in terms of power?
    • ⤷ What is the significance of the 330 code in the part number?