DRA124-2R2-R
AI

## Technical Overview of DRA124-2R2-R
The **DRA124-2R2-R** is a high-power, shielded drum core inductor manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is specifically designed for automotive and industrial applications where durability and high current handling are required.
### 1. Key Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 2.2 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 8.8 mΩ (Typical) |
| **Saturation Current ($I_{sat}$)** | 14.8 Amps |
| **RMS Current ($I_{rms}$)** | 8.35 Amps |
| **Operating Temperature** | -40°C to +165°C |
| **Dimensions** | 12.5mm x 12.5mm x 4.5mm |
---
### 2. Physical Construction & Features
* **Magnetically Shielded:** The component is shielded to minimize Electromagnetic Interference (EMI), making it suitable for noise-sensitive circuits.
* **Automotive Grade:** It is **AEC-Q200 Grade 1** qualified, meaning it can withstand mechanical shock, vibration, and extreme temperature cycling.
* **High Temperature Stability:** The "DRA" series uses a high-density iron powder core material that performs reliably up to 165°C.
* **Surface Mount (SMD):** Designed for standard pick-and-place assembly.
---
### 3. Common Applications
Due to its high current rating and low DCR, the DRA124-2R2-R is commonly used in:
1. **Automotive Electronics:** Power steering, engine control units (ECU), and lighting.
2. **DC-DC Converters:** Buck or boost converters requiring high efficiency.
3. **Industrial Equipment:** Heavy-duty motor controllers and power supplies.
4. **Telecommunications:** Base station power distribution.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **DRA** | Series Name (Drum Core, Automotive) |
| **124** | Size Code (Approx. 12.5mm x 4.5mm) |
| **2R2** | Inductance Value (2.2 µH) |
| **-R** | RoHS Compliant / Lead-Free |
- ⤷
What are the differences between the DRA and DR series inductors?
- ⤷ How does the saturation current affect this inductor's performance in a buck converter?
- ⤷ What are some pin-compatible alternatives to the DRA124-2R2-R?