전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DRS-0-R/E2

  • AI
    The **DRS-0-R/E2** is a specialized electronic component typically used in industrial automation, specifically within the realm of **positioning sensors** or **magnetic proximity switches**. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The following table highlights the core electronic parameters of the DRS-0-R/E2 series: | Parameter | Specification | | :--- | :--- | | **Output Type** | Reed Switch / Contact Output | | **Switching Voltage** | 5V - 240V AC/DC | | **Switching Current** | 100mA Max | | **Contact Capacity** | 10W Max | | **Internal Voltage Drop** | ≤ 2.4V | | **Indicator Light** | Red LED (Standard) | | **Response Frequency** | 200 Hz | | **Protection Class** | IP67 (Dust & Water Resistant) | --- ### 2. Key Electronic Components The internal architecture of this device consists of several critical electronic parts: * **Magnetic Reed Switch:** The heart of the sensor. It consists of two ferrous blades in a glass envelope that close when a magnetic field (from a cylinder piston) is present. * **Protection Diode/Varistor:** Integrated circuitry to prevent damage from inductive back-EMF (voltage spikes) when switching inductive loads. * **LED Indicator:** A low-power Light Emitting Diode used for visual confirmation of the switching state (on/off). * **Current-Limiting Resistor:** Protects the internal LED from burning out when high voltages (up to 240V) are applied. --- ### 3. Wiring Configuration The DRS-0-R/E2 usually follows a standard **2-wire** color-coding scheme: 1. **Brown Wire:** Connects to the positive terminal ($V+$) or the Live AC line. 2. **Blue Wire:** Connects to the Load, which then connects to the Common/Neutral ($0V$ or $N$). > **Note:** Because it is a "Reed" type switch, it is polarity-insensitive for the switching function, but the LED will only illuminate if the polarity is correct in DC applications. --- ### 4. Typical Applications * **Pneumatic Cylinders:** Detecting the end-of-stroke position of a piston. * **Safety Interlocks:** Ensuring a guard or door is closed before a machine starts. * **PLC Interfacing:** Providing a digital input signal to industrial controllers.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a Reed switch and a Hall Effect sensor in industrial applications?
    • ⤷ How do I calculate the maximum load resistance for a 24V DC circuit using this sensor?
    • ⤷ What are the common failure modes for the DRS-0-R/E2 sensor?