전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DRS-F-R

  • AI
    The **DRS-F-R** typically refers to a specific series of **Rotary DIP Switches** (often manufactured by brands like Otax or similar electronic component providers). These are electromechanical components used to set binary or hexadecimal values on a circuit board manually. --- ## 1. Core Technical Specifications The "DRS" series generally follows a standard footprint for through-hole mounting. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Rotary DIP Switch | | **Positions** | 10 (Decimal) or 16 (Hexadecimal) | | **Actuator Style** | Flat / Screwdriver Slot (indicated by 'F') | | **Mounting Type** | Through-hole (Right Angle / Vertical) | | **Contact Rating** | 100mA @ 5V DC (Switching) / 250mA (Non-switching) | | **Terminal Pitch** | 2.54mm (0.1 inch) | --- ## 2. Part Number Breakdown While manufacturer codes vary slightly, the nomenclature usually follows this logic: 1. **DRS**: Series designation (Digital Rotary Switch). 2. **F**: Actuator type. "F" usually stands for **Flat**, meaning the switch is flush with the housing and requires a screwdriver to turn. 3. **R**: Mounting orientation. Often stands for **Right Angle**, meaning the dial faces the edge of the PCB rather than pointing upward. --- ## 3. Electrical Functionality The DRS-F-R operates by converting the physical position of the rotor into a Binary Coded Decimal (BCD) or Hexadecimal output across four output pins. ### Truth Table (Example for BCD 10-position) | Position | Pin 1 (1) | Pin 2 (2) | Pin 4 (4) | Pin 8 (8) | | :--- | :--- | :--- | :--- | :--- | | 0 | OFF | OFF | OFF | OFF | | 1 | ON | OFF | OFF | OFF | | 5 | ON | OFF | ON | OFF | | 9 | ON | OFF | OFF | ON | --- ## 4. Key Electronic Characteristics * **Gold-Plated Contacts:** Most DRS switches use gold plating to prevent oxidation and ensure high reliability in low-voltage logic circuits. * **Sealing:** The "F" (Flat) models are often sealed with an O-ring or tape to allow for **wave soldering** and aqueous cleaning without contaminating the internal contacts. * **Detent Mechanism:** Features a positive "click" feel to ensure the switch rests exactly on the intended numerical position. --- ## 5. Common Applications * **Address Setting:** Assigning unique IDs to devices on a bus (e.g., RS-485 or CAN bus). * **Configuration:** Selecting operating modes (Baud rate, frequency channels) on industrial controllers. * **Testing:** Manual input for debugging embedded systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between BCD and Hexadecimal output in these switches?
    • ⤷ How do I interpret the footprint dimensions for PCB layout?
    • ⤷ Are there surface-mount (SMD) equivalents for the DRS-F-R series?