전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DS-10-R

  • AI
    The **DS-10-R** typically refers to a specific model of a **Push Button Switch** (often a momentary, normally open type). These are widely used in consumer electronics, industrial panels, and DIY hobbyist projects due to their compact size and reliability. --- ### 1. Key Technical Specifications Below are the typical electrical and physical characteristics of a DS-10-R switch: | Parameter | Specification | | :--- | :--- | | **Type** | Push Button (Momentary) | | **Contact Configuration** | SPST (Single Pole, Single Throw) | | **Circuit State** | Normally Open (OFF-(ON)) | | **Voltage Rating** | 125V AC / 250V AC | | **Current Rating** | 0.5A to 1.0A | | **Mounting Hole Diameter** | 10mm | | **Terminal Type** | Solder Lugs (2 Pins) | | **Color Coding** | Red (indicated by the "-R" suffix) | --- ### 2. Internal Electronic Structure The DS-10-R is a mechanical component that bridges an electrical circuit. Its construction consists of: * **The Plunger (Button):** The red plastic part that the user presses. * **The Spring:** Ensures the button returns to its original position (Normally Open) once released. * **Contact Plates:** Conductive metal (often brass or silver-plated) that meets when the plunger is depressed. * **Housing:** Usually made of non-conductive plastic (ABS or Nylon) to prevent short-circuiting against the mounting panel. --- ### 3. Common Use Cases Because the DS-10-R is a **momentary** switch (it only stays "ON" while held down), it is commonly used for: 1. **Reset Buttons:** For microcontrollers like Arduino or Raspberry Pi. 2. **Signal Triggers:** Sending a pulse to a logic circuit or relay. 3. **Testing/Calibration:** Manually triggering a specific function during equipment setup. 4. **Audio Gear:** Used as "kill switches" or mode toggles in DIY guitar pedals and synthesizers. --- ### 4. Circuit Implementation Example To use a DS-10-R with a microcontroller, a "Pull-up" or "Pull-down" resistor is required to prevent a floating pin state. ```cpp // Example: Reading DS-10-R on Arduino Pin 2 void setup() { pinMode(2, INPUT_PULLUP); // Uses internal resistor } void loop() { int buttonState = digitalRead(2); if (buttonState == LOW) { // Switch is pressed } } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between DS-10-R and DS-10-G?
    • ⤷ Can the DS-10-R be used for high-voltage DC applications?
    • ⤷ Is there a latching version of this switch available?