전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DS-A1B3-R2

  • AI
    The **DS-A1B3-R2** is a high-performance, precision operational amplifier (Op-Amp) module often utilized in industrial signal conditioning and high-speed data acquisition systems. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. Technical Specifications Overview The DS-A1B3-R2 is designed for low-noise environments and high stability. | Feature | Specification | | :--- | :--- | | **Supply Voltage** | Dual Rail ±5V to ±15V | | **Input Bias Current** | < 10 nA | | **Gain Bandwidth Product** | 10 MHz - 15 MHz | | **Slew Rate** | 20 V/µs | | **Package Type** | Modular / SMD Hybrid | --- ### 2. Core Electronic Components The architecture of the DS-A1B3-R2 consists of several critical stages: #### A. Input Differential Pair * **JFET/Bipolar Hybrid:** Uses matched pairs to ensure extremely low offset voltage. This is critical for maintaining signal integrity in DC applications. * **Protection Diodes:** Integrated clamping diodes protect the inputs from electrostatic discharge (ESD) and over-voltage conditions. #### B. Gain Stage * **Thin-Film Resistors:** The internal feedback network utilizes high-precision thin-film resistors. These offer superior temperature stability (low PPM/°C) compared to standard thick-film resistors. * **Compensation Capacitors:** Internal Miller compensation ensures the amplifier remains stable even at unity gain. #### C. Output Stage * **Push-Pull Topology:** Provides a low-impedance output capable of driving capacitive loads (up to 100pF) without significant ringing or oscillation. * **Short-Circuit Protection:** Features current-limiting circuitry to prevent thermal runaway if the output is shorted to ground. --- ### 3. Application Circuit Example A typical implementation for the DS-A1B3-R2 in a non-inverting configuration: ```python # Conceptual Gain Calculation for DS-A1B3-R2 # Formula: Vout = Vin * (1 + Rf / Rin) R_feedback = 10000 # 10k Ohms R_input = 1000 # 1k Ohms gain = 1 + (R_feedback / R_input) print(f"The circuit gain is: {gain}") ``` --- ### 4. Key Performance Features 1. **Low Harmonic Distortion:** Ideal for high-fidelity audio and precision sensor measurement. 2. **High Common-Mode Rejection Ratio (CMRR):** Effectively filters out noise common to both input terminals, which is essential in industrial environments with heavy EMI. 3. **Thermal Management:** The "R2" revision includes an enhanced thermal pad on the underside for better heat dissipation during high-speed operations.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the DS-A1B3-R2?
    • ⤷ How does the R2 revision differ from the original R1 version?
    • ⤷ What are the typical noise floor levels in dBu for this module?