전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DS-B3-R/E

  • AI
    The **DS-B3-R/E** is a specific model within the Hikvision professional series, typically referring to a **Back Box** or an **Electrical Junction Box** designed for surveillance camera installations. While it is primarily a structural component, its design is dictated by the electronic requirements of the cameras it supports. ### 1. Specifications Overview The DS-B3-R/E is engineered to protect the electronic connections between the camera and the network infrastructure. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum Alloy | | **Ingress Protection** | IP66 (Waterproof/Dustproof) | | **Mounting Type** | Wall mount / Pendant mount compatible | | **Cable Entry** | Rear and Side access points | | **Weight Capacity** | Supports up to 4.5 kg (9.9 lbs) | --- ### 2. Electronic Infrastructure Role Although the box itself is passive, it facilitates several critical electronic functions: * **EMI/RFI Shielding:** Being made of aluminum alloy, the box provides a degree of electromagnetic interference shielding for the internal connectors. * **Cable Management:** It houses the **RJ45 pigtail**, **DC power connectors**, and **Audio/Alarm I/O** wires, preventing signal degradation caused by environmental exposure. * **Thermal Protection:** It creates a small air buffer that helps insulate the camera's base electronics from direct surface heat transfer from building walls. * **Grounding:** The metallic structure allows for proper grounding of the camera chassis to prevent damage from static buildup or electrical surges. --- ### 3. Compatible Electronic Hardware The DS-B3-R/E is generally used with "Turret" or "Dome" style cameras. Below are the common electronic components stored inside the box during installation: 1. **PoE Splitters/Extractors:** If the camera is not natively PoE, a small splitter can often be tucked into this junction box. 2. **Surge Protectors:** Compact inline Ethernet surge protectors are frequently installed inside the DS-B3-R/E to protect the camera's mainboard. 3. **BNC-to-UTP Baluns:** For analog-to-digital conversions in hybrid systems. ### 4. Installation Diagram Concept ```text [ Camera Base ] <-- Electronic Pigtail (Data/Power) | [ DS-B3-R/E ] <-- Internal cavity for wire nuts & waterproof seals | [ Wall/Conduit ] <-- Main Electronic Feed (CAT6 / 12V DC) ``` ---
    ✨ Follow-up Questions
    • ⤷What specific Hikvision camera models are compatible with the DS-B3-R/E?
    • ⤷ Does this junction box include a built-in terminal block for power?
    • ⤷ How does the IP66 rating protect the electronic connectors inside the box?