전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DSC2010AS-RDT1

  • AI
    The **DSC2010AS-RDT1** is a high-performance, programmable MEMS (Micro-Electro-Mechanical Systems) oscillator produced by Microchip Technology. It belongs to the DSC2010 series, which features high stability and dual-output capabilities. --- ## 1. Technical Specifications The following table highlights the core electronic characteristics of the DSC2010AS-RDT1: | Feature | Specification | | :--- | :--- | | **Output Type** | CMOS (Dual Output) | | **Frequency Stability** | ±25 ppm | | **Supply Voltage (VDD)** | 2.25V to 3.6V | | **Operating Temperature** | -40°C to +105°C (Extended Industrial) | | **Package Size** | 3.2mm x 2.5mm (VDFN) | | **Pin Count** | 14-pin | | **Jitter** | <1.0 ps RMS (typical) | --- ## 2. Key Components & Architecture ### MEMS Resonator Unlike traditional quartz oscillators, this part uses a **silicon MEMS resonator**. This makes the component significantly more resistant to mechanical shock and vibration, providing higher long-term reliability. ### Dual Output Logic The "AS" designation indicates a specific configuration where the device can provide two separate output frequencies or the same frequency across two pins. This is ideal for driving multiple ICs (like an FPGA and a Microcontroller) from a single clock source. ### Programmable Fractional-N PLL The internal circuitry includes a high-resolution Fractional-N Phase-Locked Loop (PLL). This allows the device to be factory-programmed to virtually any frequency between **2.3 MHz and 170 MHz**. --- ## 3. Pin Configuration Overview The 14-pin VDFN package provides more than just power and ground: * **VDD/GND:** Power supply pins. * **CLK1 / CLK2:** The two independent or synchronized CMOS clock outputs. * **OE (Output Enable):** Allows the system to turn off the clock outputs to save power. * **FS (Frequency Select):** Often used to toggle between two pre-defined frequency configurations. --- ## 4. Application Use Cases Due to its high stability and small footprint, the DSC2010AS-RDT1 is commonly found in: 1. **Industrial Automation:** Sensors and controllers requiring high-temperature tolerance. 2. **Consumer Electronics:** High-definition video and audio processing. 3. **Automotive:** Infotainment systems and ADAS (Advanced Driver Assistance Systems). ---
    ✨ Follow-up Questions
    • What are the advantages of MEMS oscillators over traditional quartz crystals?
    • How do I configure the dual output frequencies for this specific model?
    • What is the power consumption of the DSC2010 series in standby mode?