전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DSC2010AS-RFT1

  • AI
    The **DSC2010AS-RFT1** is a high-performance, programmable silicon MEMS (Micro-Electro-Mechanical Systems) oscillator produced by Microchip Technology. It belongs to the DSC2010 series, which is specifically designed for high stability and low jitter in demanding industrial and communication environments. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Technology** | MEMS (Silicon-based) | | **Output Type** | CMOS | | **Frequency Stability** | ±25 ppm / ±50 ppm (Configuration dependent) | | **Supply Voltage** | 2.25V to 3.6V | | **Operating Temperature** | -40°C to +105°C (Extended Industrial) | | **Package Size** | 3.2mm x 2.5mm (VDFN) | | **Pin Count** | 14-pin | --- ### 2. Functional Architecture The DSC2010 series is unique because it integrates two independent MEMS resonators and a sophisticated fractional-N Phase-Locked Loop (PLL). * **MEMS Resonator:** Unlike traditional quartz crystals, the MEMS structure is etched directly into silicon, making it highly resistant to mechanical shock and vibration. * **Programmable PLL:** This allows the device to generate specific frequencies from 2.3MHz to 170MHz without requiring a unique physical crystal for every frequency. * **Control Logic:** The "AS-RFT1" variant typically includes specific factory-programmed settings regarding its output drive strength and startup behavior. --- ### 3. Pin Configuration (Simplified) The 14-pin VDFN package provides more functionality than a standard 4-pin oscillator: 1. **VCC / GND:** Power supply pins. 2. **Output (CLK):** The primary clock signal output. 3. **OE (Output Enable):** Allows the system to turn the clock signal on or off to save power. 4. **Frequency Select (FS):** Some models allow switching between two pre-programmed frequencies using this pin. --- ### 4. Advantages over Quartz Oscillators * **Reliability:** 20x better MTBF (Mean Time Between Failures) than quartz. * **Size:** The 3.2 x 2.5 mm footprint is extremely compact for a dual-output/programmable device. * **Supply Chain:** Since they are silicon-based, lead times are often shorter than custom-cut quartz crystals. --- ### 5. Common Applications * **Industrial Automation:** Due to the wide temperature range (-40°C to 105°C). * **Consumer Electronics:** High-definition video and audio processing. * **Data Communications:** Ethernet, SATA, and USB clocking where low phase jitter is critical.
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency programmed for the RFT1 suffix?
    • ⤷ How does the power consumption of this MEMS oscillator compare to traditional quartz?
    • ⤷ Can the frequency be changed by the user after installation
    • ⤷ or is it factory-fixed?