전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DSC2512AS-RFPB

  • AI
    The **DSC2512AS-RFPB** is a high-performance, thick-film chip resistor manufactured by Welwyn (TT Electronics). It is specifically designed as a **pulse-withstanding resistor** in a large 2512 surface-mount package. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Case Size** | 2512 (Imperial) / 6432 (Metric) | | **Resistance Range** | Typically 1Ω to 470Ω (Standard values) | | **Power Rating** | 1.5 Watts at 70°C | | **Tolerance** | ±1% or ±5% (depending on specific sub-code) | | **Voltage Rating** | 500V (Maximum Working Voltage) | | **Operating Temp** | -55°C to +155°C | | **Technology** | Thick Film on Alumina Ceramic | --- ### ## Key Features The "AS" in the part number indicates **Anti-Sulfur** properties, making it suitable for harsh environments. 1. **High Pulse Capability:** Unlike standard resistors, the internal architecture is optimized to handle high-energy surges without fracturing or burning out. 2. **Double Power Rating:** Its 1.5W rating is significantly higher than standard 2512 resistors (which are usually 1W), thanks to improved thermal dissipation. 3. **Sulfur Resistance:** It features specialized terminations that prevent silver sulfide "whiskering" or corrosion in polluted industrial environments. 4. **AEC-Q200 Qualified:** It is often tested to automotive standards, ensuring high reliability under vibration and thermal cycling. --- ### ## Internal Construction The component is built using several layers to ensure durability: * **Substrate:** High-purity Alumina (Ceramic) base. * **Resistive Element:** Ruthenium oxide-based thick film paste. * **Protective Coating:** A glass or polymer overglaze that protects the resistive element from moisture. * **Terminations:** Multi-layer construction (usually Silver/Nickel/Tin) to ensure excellent solderability and prevent leaching. --- ### ## Common Applications * **Power Supplies:** Used as a current sense or "snubber" resistor. * **Motor Drives:** Handling back-EMF and high-current pulses. * **Automotive Electronics:** Lighting, battery management, and engine control units. * **Industrial Controls:** Applications exposed to harsh chemicals or high-sulfur air.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'AS' and standard versions of this resistor?
    • ⤷ How does the pulse power rating differ from the continuous power rating?
    • ⤷ Can this resistor be used in high-frequency RF applications?