전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DSP1-DC5V-R

  • AI
    ## Overview of the DSP1-DC5V-R Relay The **DSP1-DC5V-R** is a high-sensitivity, miniature power relay manufactured by Panasonic (formerly Matsushita). It belongs to the **DSP series**, which is widely recognized for its high switching capacity and compact footprint, making it ideal for PCB (Printed Circuit Board) mounting. --- ### 1. Key Technical Specifications The technical characteristics define how the relay performs under electrical load and how it is triggered. | Feature | Specification | | :--- | :--- | | **Coil Voltage** | 5V DC | | **Contact Form** | 1 Form A 1 Form B (1a1b) / SPST-NO + SPST-NC | | **Contact Rating (Resistive)** | 5A @ 250V AC / 5A @ 30V DC | | **Max. Switching Power** | 1250 VA / 150 W | | **Coil Power Consumption** | Approx. 300 mW | | **Terminal Type** | PCB Through-hole | | **Contact Material** | AgSnO2 (Silver Tin Oxide) | --- ### 2. Physical and Mechanical Attributes The "R" suffix in the part number often denotes specific pin configurations or compliance standards (such as RoHS). * **Compact Size:** Designed to save board space while maintaining high isolation. * **Sealed Construction:** Typically features a protective construction (RTIII) that allows for automatic soldering and cleaning processes. * **High Breakdown Voltage:** Offers high surge resistance between contacts and coil (up to 4,000V). --- ### 3. Pinout Logic and Circuitry The relay operates on a simple electromagnetic principle. When 5V DC is applied to the coil pins, the internal armature moves to switch the state of the contacts. ```cpp // Logic Diagram for DSP1-DC5V-R [Coil Pin 1] ----( Coil )---- [Coil Pin 2] // Apply 5V DC here [COM] --|-- [NC] (Normally Closed: Connected when coil is OFF) | |-- [NO] (Normally Open: Connected when coil is ON) ``` --- ### 4. Common Applications Due to its high sensitivity and 5A switching capability, this relay is commonly found in: 1. **Office Automation:** Printers, copiers, and fax machines. 2. **Industrial Equipment:** PLC (Programmable Logic Controller) outputs and small motor control. 3. **Consumer Electronics:** Household appliances like air conditioners or microwave ovens. 4. **Security Systems:** Alarm control panels and sensor triggers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1a1b contact form and a standard SPDT relay?
    • ⤷ Can this relay be driven directly by an Arduino or microcontroller GPIO?
    • ⤷ What are the environmental temperature limits for the DSP1-DC5V-R?