전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DSP2A-L2-DC3V-R

  • AI
    The **DSP2A-L2-DC3V-R** is a high-sensitivity, miniature power relay manufactured by Panasonic (formerly Matsushita). It is specifically designed for high-density mounting and efficient power switching in compact electronic circuits. --- ## 1. Part Number Breakdown Understanding the suffix codes helps identify the specific capabilities of this component: | Code Segment | Meaning | | :--- | :--- | | **DSP** | Series Name (DSP Power Relays) | | **2A** | Contact Arrangement: 2 Form A (DPST-NO / Double Pole Single Throw, Normally Open) | | **L2** | Operating Function: **2-Coil Latching** type | | **DC3V** | Rated Coil Voltage: 3 Volts DC | | **R** | Reverse Polarity Type (Pinout configuration variant) | --- ## 2. Key Technical Specifications ### Coil Data (Input) * **Nominal Voltage:** 3V DC * **Set/Reset Voltage:** Max 70% of nominal (approx. 2.1V) * **Nominal Operating Power:** Approx. 300mW * **Latching Mechanism:** Since it is "L2" (2-coil latching), it uses one coil to "Set" the relay and a separate coil to "Reset" it. This allows the relay to maintain its state without continuous power consumption. ### Contact Data (Output) * **Max Switching Current:** 5A * **Max Switching Voltage:** 250V AC / 30V DC * **Contact Material:** AgSnO2 (Silver Tin Oxide) base with Gold plating (Gold clad) * **Expected Life:** 100,000 operations at rated load. --- ## 3. Notable Features 1. **High Sensitivity:** Requires very low power to toggle, making it compatible with many microcontroller outputs (though a transistor driver is still recommended). 2. **Compact Size:** Designed with a small footprint for PCB (Printed Circuit Board) mounting. 3. **High Breakdown Voltage:** Offers high surge resistance between contacts and coil (up to 3,000V). 4. **Latching Advantage:** Once the relay is switched, it stays in that position until a pulse is sent to the second coil. This is ideal for battery-powered devices to save energy. --- ## 4. Typical Applications * **Office Automation:** Printers, copiers, and fax machines. * **Consumer Electronics:** Air conditioners, audio-visual equipment. * **Industrial Equipment:** Programmable Logic Controllers (PLCs) and temperature controllers. * **Battery Operated Systems:** Because it only requires a momentary pulse to switch, it extends battery life significantly. ---
    ✨ Follow-up Questions
    • ⤷ How does the wiring for a 2-coil latching relay differ from a standard non-latching relay?
    • ⤷ What are the specific pinout dimensions for the DSP2A series?
    • ⤷ Can this relay be driven directly by an Arduino 3.3V pin without a transistor?