전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DSP56366

  • AI
    ## Overview of the DSP56366 The **DSP56366** is a member of the Symphony™ DSP56300 family of 24-bit Digital Signal Processors (DSPs) developed by Freescale (now NXP). It is specifically designed for high-end audio processing, supporting multi-channel audio decoding and post-processing. --- ### 1. Key Internal Components The architecture is built around the high-performance **DSP56300 core**, which utilizes a Harvard-style architecture allowing simultaneous access to program and data memory. | Component | Description | |:---|:---| | **Data ALU** | Performs arithmetic and logical operations. Includes a $24 \times 24$-bit multiplier-accumulator (MAC) with 56-bit accumulators. | | **Address Generation Unit (AGU)** | Operates in parallel with the Data ALU to manage memory pointers without overhead. | | **Program Control Unit (PCU)** | Manages instruction flow, hardware looping, and interrupt processing. | | **Direct Memory Access (DMA)** | A six-channel controller that moves data between memory and peripherals without CPU intervention. | --- ### 2. Memory Architecture The DSP56366 features a flexible memory map designed to handle large audio buffers and complex algorithms. * **Program RAM:** Used for storing executable code. * **Data RAM (X and Y):** Two separate data spaces (X and Y) to allow the MAC to fetch two operands in a single clock cycle. * **ROM:** Typically pre-loaded with standard audio decoders (like Dolby Digital, DTS, or MP3) depending on the specific sub-version of the chip. --- ### 3. Peripheral Interfaces To interact with external audio hardware and controllers, the DSP56366 includes several specialized interfaces: #### Digital Audio Interfaces * **DAI (Digital Audio Interface):** Specifically designed for I2S, Left-Justified, and Right-Justified audio formats. * **ESAIs (Enhanced Serial Audio Interfaces):** Provides up to 6 serial transmitters and 4 receivers, essential for 5.1 or 7.1 surround sound systems. #### Control Interfaces * **HDI08 (Host Interface):** An 8-bit parallel interface for communication with a host microcontroller. * **SHI (Serial Host Interface):** Supports SPI and I2C protocols for simplified system integration. --- ### 4. Technical Specifications ```yaml Architecture: 24-bit Fixed Point Clock Speed: Up to 120 MHz MIPS: 120 Million Instructions Per Second Voltage: 3.3V I/O, 1.8V Core Package: 144-pin LQFP (Low-profile Quad Flat Pack) Instruction Set: DSP56300 (Efficient for C-compilers) ``` --- ### 5. Common Applications The DSP56366 is most frequently found in: * **AV Receivers:** Decoding DTS-ES and Dolby Digital EX. * **Automotive Audio:** Multi-speaker equalization and cabin acoustics processing. * **Digital Mixing Consoles:** Real-time effect processing and filtering.
    ✨ Follow-up Questions
    • What are the primary differences between the DSP56366 and the DSP56367?
    • How does the 24-bit architecture benefit audio processing compared to 16-bit?
    • What development tools are required to program the DSP56366?