전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DTA124TL-AE3-R

  • AI
    ## Technical Overview: DTA124TL-AE3-R The **DTA124TL-AE3-R** is a PNP Digital Transistor (also known as a "Resistor-Equipped Transistor" or RET). It is designed to simplify circuit design by integrating a bias resistor network into a single package, reducing component count and saving PCB space. ### 1. Key Internal Components Unlike a standard bipolar junction transistor (BJT), a digital transistor includes internal resistors: * **Input Resistor (R1):** Located between the Base and the input source. * **Base-Emitter Resistor (R2):** This specific model is "L" type, meaning it typically has different resistor configurations than standard types. * **PNP Transistor:** The core switching element. --- ### 2. Technical Specifications The following table summarizes the primary electrical characteristics of the DTA124TL-AE3-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | -50 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | -50 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V | | **Collector Current** | $I_C$ | -100 | mA | | **Power Dissipation** | $P_D$ | 150 - 200 | mW | | **Input Resistance (R1)** | $R_1$ | 22 | k$\Omega$ | | **Resistance Ratio** | $R_1/R_2$ | Variable (L-Type) | - | | **Package Type** | SOT-23 | Small Outline | - | --- ### 3. Pin Configuration (SOT-23) The device typically follows the standard SOT-23 pinout for digital transistors: 1. **Base (Input):** Connected through the internal resistor $R_1$. 2. **Emitter (GND for PNP):** Usually connected to the positive supply in PNP switching. 3. **Collector (Output):** Connected to the load. --- ### 4. Typical Applications Because the resistors are built-in, this part is ideal for: * **Inverters:** Inverting a logic signal. * **Interface Circuits:** Driving a load directly from a microcontroller pin without needing external resistors. * **Switching:** Acting as a digital switch for small currents (up to 100mA). --- ### 5. Identification Code (Marking) The "AE3" and "R" in the suffix usually refer to the specific package type and the tape-and-reel packaging orientation. When identifying the part on a board, look for a specific 2 or 3-character code (Marking Code) rather than the full part number.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an 'L' type and an 'E' type digital transistor?
    • ⤷ Can this transistor be driven directly by a 3.3V microcontroller?
    • ⤷ What is the equivalent NPN part number for the DTA124 series?