전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DTC113TG-AL3-R

  • AI
    The **DTC113TG-AL3-R** is a specialized semiconductor component known as a **Digital Transistor** (or Pre-biased Bipolar Junction Transistor). It is designed to simplify circuit design by integrating a resistor network directly into the transistor package. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the DTC113TG-AL3-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Transistor Type** | NPN | Pre-biased | - | | **Collector-Emitter Voltage** | $V_{CEO}$ | 50 | V | | **Collector Current** | $I_C$ | 100 | mA | | **Input Resistor** | $R_1$ | 1 | kΩ | | **Emitter-Base Resistor** | $R_2$ | (None) | Open | | **Package Type** | SOT-23 | Surface Mount | - | --- ### 2. Internal Structure and Function Unlike a standard NPN transistor, a "Digital Transistor" contains built-in resistors. * **Integrated Resistor ($R_1$):** A 1kΩ resistor is connected in series with the Base terminal. This allows the transistor to be driven directly by digital logic gates (like a microcontroller's GPIO) without needing an external current-limiting resistor. * **Switching Logic:** When a high signal (Logic 1) is applied to the input, the transistor saturates and "turns on," allowing current to flow from the Collector to the Emitter. --- ### 3. Benefits of Using DTC113TG Using this component provides several advantages in electronic assembly: 1. **Space Saving:** Eliminates the need for an external base resistor, reducing the PCB footprint. 2. **Cost Reduction:** Reduces the total Bill of Materials (BOM) count and assembly time. 3. **Reliability:** Fewer solder joints on the board reduce the potential points of failure. --- ### 4. Typical Applications The DTC113TG is commonly used in low-current switching applications: * **Inverters:** Inverting logic signals. * **Interface Circuits:** Bridging different voltage levels between logic ICs. * **Driver Circuits:** Controlling small relays, LEDs, or other transistors. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a pre-biased transistor and a standard BJT?
    • ⤷ Can this transistor be used for high-frequency switching?
    • ⤷ What are the equivalents or substitutes for the DTC113TG?