전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DTC143XG-AE3-R

  • AI
    ## DTC143XG-AE3-R: Digital Transistor Overview The **DTC143XG-AE3-R** is an NPN Pre-biased Digital Transistor (also known as a Resistor-Equipped Transistor or RET). It is designed to simplify circuit design by integrating a series input resistor and a base-emitter bias resistor into a single package. --- ### 1. Key Specifications The following table highlights the primary electrical characteristics of the device: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 50 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 50 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 5 | V | | **Collector Current** | $I_C$ | 100 | mA | | **Input Resistor (Series)** | $R_1$ | 4.7 | kΩ | | **Bias Resistor (B-E)** | $R_2$ | 10 | kΩ | | **Package Type** | SOT-23 | --- | --- | --- ### 2. Internal Structure and Circuit Unlike a standard Bipolar Junction Transistor (BJT), the DTC143XG includes an internal resistor network. * **R1 (Input Resistor):** Limits the input current and allows the transistor to be driven directly by logic gates (TTL/CMOS) without an external resistor. * **R2 (Base-Emitter Resistor):** Ensures the transistor remains in the "OFF" state when the input is floating and helps prevent leakage current issues. --- ### 3. Part Number Decoding The suffix and prefix breakdown for this specific part: * **DTC:** Digital Transistor (NPN). * **143:** Indicates the resistor combination ($R_1 = 4.7kΩ$, $R_2 = 10kΩ$). * **XG:** Sub-series variation (Gain/Resistor ratio). * **AE3:** Refers to the **SOT-23** package type. * **R:** Tape and Reel packaging (standard for automated SMT assembly). --- ### 4. Applications The DTC143XG is primarily used for switching and interfacing in compact electronic designs: 1. **Inverters:** Inverting logic signals between different circuit stages. 2. **Interface Circuits:** Connecting Microcontrollers (MCU) to loads like LEDs or small relays. 3. **Drivers:** Switching small loads (up to 100mA) in consumer electronics and automotive modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an NPN and PNP digital transistor?
    • ⤷ Can the DTC143XG-AE3-R be used for high-frequency switching?
    • ⤷ How do I calculate the input threshold voltage for this specific transistor?