전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DTM13-12PD-R008

  • AI
    ### DTM13-12PD-R008 Overview The **DTM13-12PD-R008** is a specialized heavy-duty connector from TE Connectivity’s DEUTSCH DTM series. It is an integrated header designed for PCB (Printed Circuit Board) mounting, typically used in harsh environments such as automotive, marine, and industrial machinery. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Series** | DEUTSCH DTM | | **Number of Positions** | 12 | | **Keying** | D (indicated by brown color coding) | | **Contact Size** | Size 20 | | **Current Rating** | Up to 7.5 Amps per contact | | **Mounting Type** | Right Angle (90°) PCB Mount | | **Termination Method** | Solder | | **Housing Material** | Thermoplastic | | **Ingress Protection** | IP68 / IP6K9K (when mated) | --- ### Key Components and Features 1. **Housing and Connector Body:** The unit features a rugged thermoplastic housing designed to withstand extreme temperatures (typically -55°C to +125°C). The **"R008"** suffix indicates a specific modification or design revision, often related to the pin plating or the mounting flange. 2. **Keying and Color Coding:** The **"D"** in the part number signifies Keying D. DEUTSCH DTM connectors use mechanical keys and color codes to prevent cross-mating between multiple connectors of the same size. * **Key D Color:** Brown 3. **Interface Seals:** While the header is mounted to the PCB, the interface where it meets the mating plug contains high-grade silicone seals to prevent moisture, dust, and contaminants from reaching the electrical contacts. 4. **PCB Interface:** The pins are designed for through-hole mounting. The 90-degree (right-angle) orientation allows for low-profile integration on boards that need to connect to wiring harnesses parallel to the PCB surface. --- ### Application Usage * **ECUs (Engine Control Units):** Housing the main board for vehicle logic. * **Sensor Hubs:** Connecting multiple low-current sensors to a central processor. * **Harsh Environments:** Anywhere exposed to high vibration, salt spray, or chemical runoff.
    ✨ Follow-up Questions
    • ⤷ What are the compatible mating plug part numbers for Key D?
    • ⤷ What is the difference between the R008 and R012 suffixes in the DTM series?
    • ⤷ How should the PCB footprint be designed for the DTM13-12P header?