전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DU321RB

  • AI
    The **DU321RB** is a specific type of heavy-duty safety switch (disconnect switch) manufactured by Square D (Schneider Electric). It is primarily used in commercial and industrial electrical distribution systems to manually disconnect power to a circuit. ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the DU321RB: | Feature | Specification | | :--- | :--- | | **Product Type** | Single Throw Safety Switch | | **Duty Rating** | General Duty | | **Current Rating** | 30 Amperes | | **Voltage Rating** | 240V AC | | **Phase / Poles** | 3-Pole (3-Phase) | | **Fuse Type** | **Non-Fusible** (Does not contain fuses) | | **Enclosure Rating** | NEMA 3R (Rainproof/Outdoor use) | | **Material** | Galvanized Steel (Gray) | --- ### Key Electronic & Mechanical Components #### 1. Switching Mechanism Unlike an electronic solid-state switch, the DU321RB uses a **mechanical quick-make, quick-break mechanism**. This ensures that when the handle is toggled, the internal blades snap into place or pull away rapidly, minimizing electrical arcing and extending the life of the contacts. #### 2. Terminal Lugs The unit features mechanical lugs designed to accept either Aluminum (Al) or Copper (Cu) wiring. * **Wire Size Range:** Typically AWG 14 to AWG 6. * **Torque Requirements:** Critical for preventing resistive heating at the connection points. #### 3. NEMA 3R Enclosure The "RB" suffix in the model number denotes a **NEMA 3R rainproof rating**. * **Design:** It features a "side-swing" door and a "hub provision" at the top for conduit attachment. * **Application:** Suitable for outdoor environments, such as near HVAC units or irrigation pumps. #### 4. Grounding and Neutral * **Ground Lug:** Included as standard to ensure the metal enclosure is safely bonded. * **Neutral Bar:** Since this is a 3-pole non-fusible switch, a neutral kit (like the SN03) is often sold separately if a neutral connection is required for the application. --- ### Typical Wiring Configuration ```mermaid graph LR A[Power Source L1, L2, L3] --> B[DU321RB Input Lugs] B --> C{Mechanical Switch} C --> D[DU321RB Output Lugs] D --> E[Motor / Equipment Load] ``` ### Safety Features * **Interlock:** The cover cannot be opened while the handle is in the "ON" position (though there is usually a bypass screw for qualified technicians). * **Padlocking:** The handle can be locked in the "OFF" position using up to three separate padlocks for Lockout/Tagout (LOTO) safety procedures.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the DU321RB and the fusible D321RB model?
    • ⤷ Can the DU321RB be used with a 120V single-phase motor?
    • ⤷ What type of conduit hub is compatible with the NEMA 3R top opening?