전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • DVS-C6-R

  • AI
    The **DVS-C6-R** is a specialized electronic component, typically categorized as a **Digital Voltage Sensor** or Monitoring Relay, often used in power distribution and industrial automation. Its primary function is to monitor line voltage and provide a relay output signal when parameters fall outside a safe range. ### 1. Technical Specifications The following table summarizes the key electronic characteristics of the DVS-C6-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 200V - 480V AC (3-Phase) | | **Frequency Range** | 50Hz / 60Hz | | **Contact Rating** | 5A @ 250VAC (Resistive Load) | | **Contact Configuration** | SPDT (Single Pole Double Throw) | | **Protection Functions** | Overvoltage, Undervoltage, Phase Loss, Phase Reversal | | **Mounting Type** | DIN Rail Mounting | --- ### 2. Core Electronic Components Inside the DVS-C6-R, several subsystems work together to ensure accurate electrical monitoring: * **Sensing Circuit:** Utilizes a high-impedance voltage divider network to step down the high line voltage to a level safe for internal microelectronics. * **Microcontroller / Comparator:** The "brain" of the unit. It compares the incoming voltage samples against pre-set thresholds (Over/Under voltage). * **Isolation Barrier:** Optical or galvanic isolation protects the low-voltage control logic from high-voltage surges in the monitored lines. * **Electromechanical Relay:** The output stage. When a fault is detected, the coil de-energizes (or energizes, depending on settings), flipping the mechanical switch to trip a circuit breaker or alert a PLC. --- ### 3. Protection Logic & Behavior The electronic logic is programmed to handle specific electrical anomalies: 1. **Phase Asymmetry:** Detects if one phase is significantly lower in voltage than the others, which can cause motor overheating. 2. **Phase Sequence:** Ensures the "R-S-T" phases are in the correct order to prevent motors from spinning in reverse. 3. **Adjustable Time Delay:** Built-in capacitors and timers allow the device to ignore brief "nuisance" voltage spikes or dips, preventing unnecessary system shutdowns. --- ### 4. Wiring Diagram Concept Typically, the electronic connections are partitioned as follows: ```text L1 (R) ----[ Input Sensing ] L2 (S) ----[ Input Sensing ] L3 (T) ----[ Input Sensing ] Terminal 11 (Common) <--+--> Terminal 12 (NC) | +--> Terminal 14 (NO) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific adjustment ranges for overvoltage and undervoltage on this model?
    • ⤷ How does the phase reversal detection work electronically?
    • ⤷ Can the DVS-C6-R be used in single-phase applications?