AI

The **DXXX-PQ-R4** series (commonly associated with manufacturer series like those from **Diodes Incorporated** or similar high-density logic/protection components) typically refers to a specific configuration of semiconductor devices. The suffix **"PQ"** usually denotes the package type, while **"R4"** often refers to the tape-and-reel quantity or a specific revision.
Below is an overview of the electronic characteristics and structural components typically associated with this part numbering convention.
---
### 1. General Specifications
Based on standard industry nomenclature for this series, these parts are usually **TVS (Transient Voltage Suppression)** diode arrays or **ESD Protection** devices designed for high-speed data lines.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Package Type** | SOT23, SOT363, or DFN (Surface Mount) |
| **Channel Count** | 1 to 4 Channels |
| **Breakdown Voltage** | Usually 3.3V, 5.0V, or 12V |
| **Capacitance** | Low to Ultra-Low (< 1.0pF for high-speed) |
| **Polarity** | Unidirectional or Bidirectional |
---
### 2. Internal Electronic Structure
The "DXXX" series functions as a protective barrier for sensitive integrated circuits (ICs).
* **Zener/TVS Diodes:** The core component consists of silicon-avalanche diodes designed to "clamp" high-voltage spikes (like static electricity) to a safe level.
* **Steering Diodes:** In multi-channel versions, steering diodes are used to direct the transient current toward the power rail ($V_{cc}$) or Ground ($GND$), protecting the I/O line.
* **Low Parasitic Capacitance:** To prevent signal distortion in USB 3.0, HDMI, or Ethernet lines, the internal junction capacitance is minimized.
---
### 3. Pinout and Integration
While specific pinouts depend on the exact "XXX" digits (e.g., D5V0, D12V), the standard **PQ-R4** layout generally follows this logic:
```mermaid
graph LR
Input1[I/O 1] --> Diode1((TVS))
Input2[I/O 2] --> Diode2((TVS))
Diode1 --> GND[Common Ground]
Diode2 --> GND
```
### 4. Application Areas
These parts are essential in modern electronics to prevent damage from **Electrostatic Discharge (ESD)**:
1. **Consumer Electronics:** Smartphones, Tablets, and Laptops.
2. **Data Ports:** USB Type-C, HDMI 2.0, and DisplayPort interfaces.
3. **Industrial:** Sensors and PLC communication lines (RS-485/RS-232).
---
### 5. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **D** | Diode / Device Category |
| **XXX** | Voltage Rating (e.g., 5V0 = 5.0 Volts) |
| **PQ** | Package Code (e.g., PowerDI or specific SOT variant) |
| **R4** | Packaging Suffix (Typically 13-inch Reel, 4000 pieces) |
- ⤷
What is the specific breakdown voltage for the D5V0-PQ-R4 variant?
- ⤷ How does 'R4' packaging differ from 'R7' or 'R13' suffixes?
- ⤷ Can this part be used for high-speed USB 3.1 data protection?