전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • E10-R

  • AI
    The **E10-R** typically refers to a high-performance **LoRa (Long Range) Wireless Transceiver Module**, often based on the Silicon Labs SI4463 or similar sub-GHz RF chips. These modules are widely used in industrial telemetry, smart metering, and remote control systems due to their long-range capabilities and low power consumption. --- ### 1. Key Electronic Components The E10-R module is an integrated circuit assembly consisting of several critical electronic parts: | Component | Function | | :--- | :--- | | **RF Transceiver Chip** | The "brain" of the module (usually SI4463), responsible for modulating and demodulating radio signals. | | **Crystal Oscillator** | Provides a precise clock frequency (typically 30MHz or 32MHz) for stable RF transmission. | | **Impedance Matching Circuit** | A network of inductors and capacitors (LC circuit) that ensures maximum power transfer to the antenna. | | **Low-Pass Filter (LPF)** | Suppresses harmonics and high-frequency noise to comply with radio regulations (FCC/CE). | | **Power Management** | Integrated LDO or decoupling capacitors to stabilize voltage and reduce ripple noise. | --- ### 2. Technical Specifications The performance of the E10-R is defined by its hardware parameters: * **Frequency Range:** 433MHz / 470MHz (Sub-GHz band). * **Interface:** SPI (Serial Peripheral Interface) for communication with a Microcontroller (MCU). * **Modulation:** Supports FSK, GFSK, and OOK. * **Sensitivity:** High sensitivity (down to -126 dBm), allowing for long-distance penetration. * **Operating Voltage:** 1.8V to 3.6V DC. --- ### 3. Pinout and Connection Logic To use the E10-R, you must interface its pins with an MCU like Arduino, STM32, or ESP32. | Pin Name | Type | Description | | :--- | :--- | :--- | | **VCC** | Power | 3.3V Power Supply. | | **GND** | Ground | Common ground. | | **MOSI/MISO** | Data | SPI Data lines for configuration and payload. | | **SCK** | Clock | SPI Clock signal. | | **CSN / NSS** | Select | Chip Select (Active Low). | | **IRQ** | Output | Interrupt request pin (signals when data is received or sent). | | **ANT** | RF | Connection point for the 433MHz spring or SMA antenna. | --- ### 4. Implementation Example (Pseudocode) The following is a logic structure for initializing the E10-R via SPI: ```cpp // Basic SPI initialization for E10-R (SI4463) void setup_E10R() { SPI.begin(); pinMode(CSN_PIN, OUTPUT); digitalWrite(CSN_PIN, HIGH); // Reset the module send_command(RF_POWER_UP); // Set frequency to 433MHz set_frequency(433.0); // Set output power to +20dBm set_tx_power(20); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum communication distance of the E10-R module in open space?
    • ⤷ Can the E10-R module be used with a 5V microcontroller without a level shifter?
    • ⤷ How does the E10-R compare to the NRF24L01 in terms of power and range?