전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • E3B2-R7M4-US

  • AI
    The **E3B2-R7M4-US** is a legacy industrial photoelectric sensor manufactured by Omron. It is a heavy-duty, multi-voltage sensor designed for industrial automation and sensing applications. --- ## 1. Core Technical Specifications The electronic architecture of this sensor is designed for versatility, allowing it to interface with various power supplies and control systems. | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective (requires a reflector) | | **Sensing Distance** | Up to 7 meters (depending on reflector type) | | **Supply Voltage** | 24 to 240 VAC / 12 to 240 VDC (Universal) | | **Output Type** | Relay Output (SPDT - Single Pole Double Throw) | | **Control Output** | 3A at 250 VAC / 30 VDC | | **Response Time** | 20 ms maximum | | **Light Source** | Infrared LED | --- ## 2. Electronic Component Breakdown ### A. Power Supply Module The E3B2 series is famous for its **Multi-Voltage capability**. Internally, it contains a bridge rectifier and a voltage regulator circuit that allows it to accept almost any common industrial power input (AC or DC) without the need for manual switching. ### B. Output Configuration (Relay) Unlike modern sensors that use NPN/PNP transistors, the **R7M4-US** uses a mechanical relay: * **Mechanical Endurance:** 50,000,000 operations. * **Electrical Endurance:** 100,000 operations (at rated load). * **Safety:** The relay provides physical isolation between the sensor's internal electronics and the load being switched. ### C. The E39-R1 Reflector Interface Because this is a **Retro-reflective** sensor, the electronic emitter and receiver are housed in the same unit. 1. The **Emitter** sends an infrared beam. 2. The beam hits a reflector and returns to the **Receiver**. 3. When an object breaks the beam, the internal circuit triggers the relay. --- ## 3. Wiring Diagram Logic The unit typically uses a terminal block for connections. Below is the standard logic for the 5-terminal configuration: ```text Terminal 1 & 2: Power Input (24-240V AC/DC, non-polarized) Terminal 3: Relay Common (COM) Terminal 4: Relay Normally Closed (NC) Terminal 5: Relay Normally Open (NO) ``` --- ## 4. Operational Adjustments The sensor housing includes several electronic adjustment points: * **Sensitivity Potentiometer:** Allows the user to adjust the threshold of the receiver to account for dusty environments or semi-transparent objects. * **Operation Mode Switch:** Usually permits switching between **Light-ON** (relay energizes when light is received) and **Dark-ON** (relay energizes when the beam is broken).
    ✨ Follow-up Questions
    • ⤷ What are the recommended replacement models for the E3B2-R7M4-US since it is a legacy part?
    • ⤷ How do I troubleshoot a relay that is not clicking despite the indicator LED being on?
    • ⤷ Can this sensor be used for high-speed counting applications given its 20ms response time?