전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • E3F2-R2RC4-M

  • AI
    The **E3F2-R2RC4-M** is a high-performance, cylindrical photoelectric sensor manufactured by Omron. It belongs to the E3F2 series, which is characterized by its robust M18 housing and reliable sensing capabilities. --- ## 1. Technical Specifications Breakdown The part number indicates specific electrical and physical characteristics: | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective (requires a reflector) | | **Sensing Distance** | 0.1 to 2 meters (standard) | | **Housing Size** | M18 (18mm Diameter) | | **Output Type** | NPN (Open Collector) | | **Output Configuration** | Selectable Light-ON / Dark-ON | | **Supply Voltage** | 10 to 30 VDC | | **Body Material** | Metal (indicated by the "-M" suffix) | | **Connection Method** | Pre-wired (standard cable length is 2m) | --- ## 2. Electrical Components & Pinout The sensor operates using an infrared LED and a receiver circuit. Below is the typical internal logic and wiring structure for this NPN sensor. ### Wiring Configuration | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC (+) | Connect to positive supply (10-30VDC) | | **Blue** | GND (-) | Connect to 0V / Common | | **Black** | Output | NPN switching signal (connect to load) | | **Pink/White** | Control | Mode selection (Connect to VCC or GND to toggle Light-ON/Dark-ON) | ### Internal Logic Circuit ```cpp // Logic Representation for NPN Output Input: Infrared Light Beam Process: Comparator checks light intensity vs. threshold Output: - If Light-ON: Transistor conducts when beam returns. - If Dark-ON: Transistor conducts when beam is broken. ``` --- ## 3. Key Electronic Features ### Retro-reflective Sensing Unlike through-beam sensors, the E3F2-R2RC4-M houses both the **Emitter** and the **Receiver** in the same unit. It emits a light beam that hits a corner-cube reflector and returns to the sensor. If an object breaks this beam, the output state changes. ### NPN Output Type This is a "sinking" output. When the sensor is activated, the black wire is internally connected to the Blue (GND) wire. To read this with a microcontroller (like an Arduino or PLC), you typically need a pull-up resistor if the input isn't already pulled high. ### Protection Circuitry The sensor includes several built-in electronic protections: * **Reverse Polarity Protection:** Prevents damage if the power leads are swapped. * **Short-Circuit Protection:** Protects the output transistor from overcurrent. * **Mutual Interference Prevention:** Allows multiple sensors to be mounted close together without triggering each other. --- ## 4. Usage Considerations 1. **Alignment:** Since it is retro-reflective, the reflector must be aligned perpendicular to the sensor beam for maximum range. 2. **Metal Housing:** The "-M" suffix indicates a brass-nickel plated housing, which provides better mechanical strength and EMI (Electromagnetic Interference) shielding compared to plastic models. 3. **Load Capacity:** The NPN output can typically handle up to 100mA. If you are driving a larger motor or high-power relay, an external transistor or intermediate relay is required.
    ✨ Follow-up Questions
    • ⤷ How do I wire this sensor to a PLC with PNP inputs?
    • ⤷ What is the difference between the E3F2-R2RC4-M and the plastic E3F2-R2RC4-P?
    • ⤷ Which specific Omron reflectors are compatible with this model?