전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • E3F3-R32

  • AI
    ## Overview of E3F3-R32 The **E3F3-R32** is a photoelectric sensor developed by Omron. It belongs to the E3F3 series, which consists of compact, cylindrical M18-sized sensors commonly used in industrial automation for object detection. ### Technical Specifications The E3F3-R32 is a **retro-reflective** type sensor, meaning it requires a reflector to operate. The light beam travels to a reflector and bounces back to the receiver located in the same housing as the emitter. | Parameter | Specification | | :--- | :--- | | **Sensing Type** | Retro-reflective | | **Sensing Distance** | 0.1 to 2 meters (depending on reflector) | | **Housing Material** | Plastic (PBT) or Metal (Brass-nickel plated) | | **Shape** | M18 Cylindrical | | **Light Source** | Infrared LED | | **Supply Voltage** | 12 to 24 VDC | | **Output Type** | PNP (Open Collector) | | **Operation Mode** | Light-ON / Dark-ON (Selectable via wiring) | --- ### Internal Electronic Components The device functions through a series of integrated electronic circuits: 1. **Emitter Circuit:** Consists of an Infrared (IR) LED that pulses light to reduce interference from ambient light sources. 2. **Receiver Circuit:** An integrated Photodiode or Phototransistor that detects the returning IR beam. 3. **Amplifier/Comparator:** The signal from the receiver is amplified and compared against a threshold to determine if an object is breaking the beam. 4. **Output Transistor:** A **PNP** transistor acts as a switch. When the sensor is triggered, it connects the load to the positive supply voltage ($V_{cc}$). --- ### Wiring Configuration The E3F3-R32 typically uses a standard 3-wire or 4-wire color-coding scheme. | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +Vcc | Positive Power Supply (12-24V) | | **Blue** | 0V / GND | Negative Power Supply | | **Black** | Output | Control Signal (PNP Output) | | **White** | Mode Select | Optional: Connect to Brown or Blue to toggle Light-ON/Dark-ON | #### Circuit Logic (PNP) In a PNP configuration, the load is connected between the **Black wire (Output)** and the **Blue wire (0V)**. ```text [ +24V ]-----------( Brown ) | [Sensor]----( Black )----[ Load ]----| | | [ 0V ]-----------( Blue )-----------------| ``` --- ### Key Applications * **Conveyor Systems:** Detecting the presence or absence of boxes. * **Gate Control:** Sensing when a vehicle or person passes through an entry point. * **Packaging Machinery:** Counting items on a high-speed production line.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP outputs in sensors like the E3F3?
    • ⤷ How do I choose the correct reflector for an E3F3-R32 to reach maximum distance?
    • ⤷ Can the E3F3-R32 detect transparent objects?