E3JK-R2M1
AI

The **E3JK-R2M1** is a popular high-performance photoelectric sensor manufactured by Omron. It is a **Retro-reflective** type sensor, meaning it emits a light beam toward a reflector and detects objects when the beam is interrupted.
---
## 1. Technical Specifications
The following table summarizes the key electronic and physical characteristics of the E3JK-R2M1:
| Parameter | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective (requires a reflector) |
| **Sensing Distance** | Up to 2.5 meters (with E39-R1 reflector) |
| **Supply Voltage** | 24 to 240 VAC or 12 to 240 VDC |
| **Output Type** | Relay Output (SPDT - Single Pole Double Throw) |
| **Switching Capacity** | 3A at 250 VAC |
| **Light Source** | Pulse Modulated Infrared LED |
| **Response Time** | 30 ms maximum |
| **Ambient Temperature** | -25°C to 55°C |
---
## 2. Main Components and Working Principle
### Internal Electronic Block
The device consists of four primary electronic stages:
1. **Emitter:** An Infrared (IR) LED that pulses light to prevent interference from ambient light sources.
2. **Receiver:** A photodiode or phototransistor tuned to the specific frequency of the emitter.
3. **Amplifier/Logic Circuit:** Processes the signal from the receiver to determine if the beam is blocked.
4. **Relay Output:** A mechanical relay that opens or closes a circuit based on the detection state.
### Wiring Configuration
The E3JK-R2M1 uses a 5-wire system:
* **Brown & Blue:** Power supply (Universal AC/DC).
* **White:** Relay Common (COM).
* **Black:** Normally Open (NO) contact.
* **Gray:** Normally Closed (NC) contact.
---
## 3. Key Features
* **Universal Voltage:** One of its strongest features is its ability to operate on almost any standard power supply (Multi-voltage).
* **Built-in Relay:** It can directly switch AC loads (like a motor or a large lamp) without needing an external PLC or transistor interface.
* **Long Sensing Range:** Ideal for conveyor belts and garage door safety systems.
* **IP64 Rated:** Protected against dust and splashing water, making it suitable for industrial environments.
---
- ⤷
How do I wire the E3JK-R2M1 to a 220V AC motor?
- ⤷ What is the difference between Light-ON and Dark-ON modes for this sensor?
- ⤷ Which reflector models are compatible with the E3JK-R2M1?