E3JK-R2M22M
AI

## E3JK-R2M22M Photoelectric Sensor Overview
The **E3JK-R2M22M** is a high-performance, long-distance retro-reflective photoelectric sensor manufactured by Omron. It is widely used in industrial automation for object detection due to its built-in amplifier and multi-voltage power supply capabilities.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective (requires a reflector) |
| **Sensing Distance** | 2.5 meters (using E39-R1 reflector) |
| **Supply Voltage** | 24 to 240 VAC / 24 to 240 VDC (Universal) |
| **Output Type** | Relay Output (SPDT - Single Pole Double Throw) |
| **Control Output** | 3A at 250 VAC / 30 VDC |
| **Light Source** | Red LED (Visible) |
| **Operation Mode** | Light-ON / Dark-ON (Selectable via switch) |
| **Response Time** | 20 ms maximum |
| **Connection** | Pre-wired (standard 2m cable) |
---
### 2. Key Electronic Components & Internal Design
The E3JK-R2M22M is distinct because it integrates several complex electronic stages into a compact housing:
* **Integrated Power Supply:** It contains a bridge rectifier and voltage regulator, allowing it to accept both AC and DC voltages (24V to 240V). This eliminates the need for a separate DC power supply.
* **Transmitter (Emitter):** Uses a high-intensity Red LED. The pulse-modulated light helps the sensor distinguish its own signal from ambient light.
* **Receiver (Photodiode):** Features a high-sensitivity phototransistor tuned to the frequency of the emitter's pulse.
* **Built-in Relay:** Unlike many industrial sensors that use NPN/PNP transistors, this model uses a mechanical relay. This allows it to switch larger loads directly, though it has a slower response time (20ms) compared to solid-state sensors.
* **Polarizing Filter:** It includes a polarizing filter which ensures that only light reflected from the specialized reflector is detected, preventing false triggers from shiny metal objects.
---
### 3. Wiring Diagram (Relay Output)
The sensor typically uses a 5-wire configuration. Below is a representation of the wiring logic:
```text
Power Supply Lines:
1. Brown -> L1 / (+) [24-240V AC/DC]
2. Blue -> N / (-) [24-240V AC/DC]
Relay Contact Lines:
3. White -> Common (COM)
4. Black -> Normally Open (NO)
5. Gray -> Normally Closed (NC)
```
---
### 4. Application Advantages
1. **Versatility:** The universal voltage input makes it a "one-size-fits-all" spare part for maintenance teams.
2. **Ease of Alignment:** The visible red beam allows for quick physical alignment with the reflector without specialized tools.
3. **Large Load Handling:** The 3A relay output can directly drive small motors, solenoids, or light towers without an intermediate relay.
4. **Durability:** Rated IP64 (typical for E3JK series), providing protection against dust and splashes.
---
- ⤷What is the difference between the E3JK-R2M2 and the E3JK-R4M2 model?
- ⤷ How do you adjust the sensitivity of the E3JK-R2M22M?
- ⤷ Can this sensor be used for high-speed counting applications?