E3JM-R4M4-US
AI

## Overview of the Omron E3JM-R4M4-US
The **E3JM-R4M4-US** is a high-performance photoelectric sensor developed by Omron. It belongs to the E3JM family, which is known for its built-in power supply and versatile output options, making it a staple in industrial automation for long-distance sensing.
---
### 1. Key Technical Specifications
The E3JM-R4M4-US is a **Retro-reflective** sensor. This means it emits a beam of light that must bounce off a reflector and return to the sensor head to detect an object.
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective (with MSR function) |
| **Sensing Distance** | Up to 4 Meters (when using E39-R1 reflector) |
| **Supply Voltage** | 12 to 240 VDC / 24 to 240 VAC (Universal) |
| **Output Type** | Relay Output (SPDT) |
| **Light Source** | Infrared LED |
| **Connection Type** | Terminal Block (Conduit G 1/2) |
| **Response Time** | 20 ms Max. |
---
### 2. Core Electronic Components & Functions
The internal electronics of the E3JM-R4M4-US are divided into three primary stages:
#### A. The Power Supply Unit (Universal Input)
Unlike standard sensors that require a specific 24VDC power source, this model contains a **multi-voltage transformer/rectifier circuit**. It can handle both AC and DC inputs ranging from low voltage to high mains voltage.
#### B. The Sensing Logic (MSR Function)
This specific model features **MSR (Mirror Surface Rejection)**.
* **Electronic Logic:** The sensor uses a polarizing filter.
* **Function:** It only accepts light reflected back by the specific reflector. This prevents "false positives" caused by shiny objects (like a stainless steel can) passing in front of the sensor, which might otherwise reflect light back and trick a standard sensor.
#### C. The Output Relay
The "M4" designation indicates a **Relay Output**.
* **Mechanical Component:** A built-in Single Pole Double Throw (SPDT) relay.
* **Capacity:** It can switch loads up to 3A at 250VAC. This allows the sensor to directly trigger heavy-duty alarms, motors, or contactors without needing an intermediate PLC or external relay.
---
### 3. Wiring Configuration
The unit uses a terminal block for connections. Below is the typical pin-out logic:
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| **1 & 2** | Power Input | Connect to Power Source (AC or DC) |
| **3** | Common (COM) | The shared terminal for the relay |
| **4** | Normally Closed (NC) | Output is ON when no object is detected |
| **5** | Normally Open (NO) | Output is ON when an object is detected |
---
### 4. Adjustments and Indicators
* **Sensitivity Potentiometer:** A small screw on the electronic board allows the user to fine-tune the sensing range.
* **LED Indicators:**
* **Light Indicator (Red):** Lights up when the receiver is picking up light.
* **Stability Indicator (Green):** Lights up when the light level is stable (well above the threshold), ensuring reliable operation.
* **Operation Mode Switch:** Allows switching between **Light-ON** (output triggers when light hits the sensor) and **Dark-ON** (output triggers when the beam is broken).
---
- ⤷
How does the Mirror Surface Rejection (MSR) function technically distinguish between a reflector and a shiny metal object?
- ⤷ What are the advantages of using the Relay output version (M4) over the Transistor output version (S4)?
- ⤷ Can the E3JM-R4M4-US be used for transparent object detection
- ⤷ such as clear glass bottles?