E3JM-R4R4-US
AI

### Overview of the E3JM-R4R4-US
The **E3JM-R4R4-US** is a high-performance photoelectric sensor manufactured by Omron. It is part of the E3JM series, which is known for its versatility, built-in power supply, and relay output capabilities. This specific model is a **Retro-reflective** sensor.
---
### Technical Specifications
Below are the primary electronic and physical specifications for the E3JM-R4R4-US:
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective (requires a reflector) |
| **Sensing Distance** | Up to 4 Meters (using E39-R1 reflector) |
| **Supply Voltage** | 12 to 240 VDC or 24 to 240 VAC (Multi-voltage) |
| **Output Type** | Relay Output (SPDT - Single Pole Double Throw) |
| **Power Consumption** | 2 W max. / 3 VA max. |
| **Response Time** | 20 ms max. |
| **Light Source** | Infrared LED |
| **Enclosure Rating** | IP66 (Water and dust resistant) |
---
### Key Electronic Components & Functions
#### 1. Multi-Voltage Power Supply
One of the standout features of this sensor is its internal power conversion circuit. It can accept a wide range of input voltages (12V to 240V DC or 24V to 240V AC), making it compatible with almost any industrial power grid without needing a separate DC power supply.
#### 2. Relay Output (SPDT)
Unlike NPN/PNP sensors that output a small voltage signal, the E3JM-R4R4-US uses a physical relay.
* **Capacity:** 3A at 250 VAC.
* **Function:** It acts as a dry contact switch, allowing you to directly control high-load devices like motors, sirens, or large contactors.
#### 3. Timer Functions (The "4" in the suffix)
The "R4" designation typically indicates that this model includes built-in timing functions. These are adjustable via internal DIP switches/potentiometers:
* **ON-delay:** Delays the output after an object is detected.
* **OFF-delay:** Keeps the output active for a set time after the object has left.
* **One-shot:** Provides a pulse of a specific duration regardless of how long the object stays in front of the sensor.
#### 4. Light-ON / Dark-ON Selectability
The sensor contains a switch that allows the user to define when the relay should trigger:
* **Light-ON:** Relay activates when the light beam returns from the reflector (no object present).
* **Dark-ON:** Relay activates when the light beam is broken (object is present).
---
### Wiring Configuration
The unit features a terminal block for easy wiring. The typical pinout includes:
```text
Terminal 1 & 2: Power Supply Input (AC or DC)
Terminal 3: Relay Common (COM)
Terminal 4: Relay Normally Closed (NC)
Terminal 5: Relay Normally Open (NO)
```
---
- ⤷
How do you adjust the sensitivity and timer settings on this specific model?
- ⤷ What are the advantages of using a retro-reflective sensor over a thru-beam sensor?
- ⤷ Can this sensor be used in outdoor environments with high sunlight interference?