전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • E3S-R

  • AI
    The **E3S-R** is a high-performance, self-contained photoelectric sensor series manufactured by Omron. It is specifically designed for detecting transparent objects (like glass or plastic bottles) and features sophisticated electronic circuitry to handle small changes in light intensity. --- ## 1. Core Electronic Components & Architecture The E3S-R operates on an infrared or visible red light spectrum (depending on the specific model) and consists of several key electronic stages: | Component | Function | | :--- | :--- | | **Emitter (LED)** | Typically a high-output red LED (visible) that facilitates easy alignment. | | **Receiver (Photodiode)** | A sensitive phototransistor or photodiode that converts light back into an electrical signal. | | **Modulator/Oscillator** | Pulses the light at a specific frequency to prevent interference from ambient light (sunlight or room lamps). | | **Signal Processor (ASIC)** | A dedicated chip that evaluates the pulse return and determines if the signal attenuation matches a "target present" profile. | | **Output Circuit** | An NPN or PNP transistor output that switches the external load. | --- ## 2. Technical Specifications Below are the typical electronic ratings for the E3S-R series: | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 10 to 30 VDC (includes 10% ripple) | | **Current Consumption** | 25 mA to 40 mA maximum | | **Control Output** | NPN or PNP Open Collector (Load current up to 100mA) | | **Response Time** | 1 ms maximum (Operate and Release) | | **Sensitivity Adjustment** | Two-turn endless adjuster with indicator | | **Protection Circuits** | Power supply reverse polarity, Output short-circuit protection | --- ## 3. Wiring Configuration The E3S-R typically follows the standard industrial color-coding for its leads: ```text Brown : +V (10 to 30 VDC) Blue : 0V (Ground) Black : Output (Control signal) Pink : Mode Selection (L-ON / D-ON) ``` ### Operation Modes - **Light-ON (L-ON):** The output transistor turns ON when the receiver detects the light beam. - **Dark-ON (D-ON):** The output transistor turns ON when the beam is interrupted (blocked). --- ## 4. Specialized Circuitry for Transparency The electronic "brain" of the E3S-R is unique because it uses **Hysteresis Control**. Standard sensors might struggle with transparent glass because some light passes through. The E3S-R's electronics are tuned to detect a very small percentage of light loss (attenuation). 1. **Optical System:** Uses a specialized lens to prevent "lens-surface reflections" from being misread as the return beam. 2. **Detection Logic:** The internal comparator is set with a very tight threshold, allowing it to distinguish between 100% light return (no object) and 85-95% light return (transparent bottle).
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output models in the E3S-R series?
    • ⤷ How does the E3S-R handle interference from reflective backgrounds?
    • ⤷ What is the maximum sensing distance for the retro-reflective E3S-R models?